Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DHT Datasheet(PDF) 5 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DHT Datasheet(HTML) 5 Page - Nanya Technology Corporation.

  NT5CC64M16GP-DHT Datasheet HTML 1Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 2Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 3Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 4Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 5Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 6Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 7Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 8Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 9Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 160 page
background image
Version 2.2
5
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
NT
NANYA
Technology
5C
Product Family
5C = DDR3 SDRAM
B
128M8
G
N
DI
NANYA Component Part Numbering Guide
Organization (Depth , Width)
64M 16 = 128M 8 =1Gb
Note:
M= Mono
Device Version
G = 7
th Version
Speed
DDR3 SDRAM
DI = DDR3 - 1600 11-11-11
EK = DDR3 - 1866 13-13-13
NA = Commercial Grade
T = Quasi Industrial Grade
I = Industrial Grade
H = Automotive Grade2
A = Automotive Grade3
B = Reduced standby
Special Type Option
Package Code
RoHS + Halogen Free
N=78 - Ball VFBGA
P=96 -
Interface & Power ( VDD & VDDQ)
B =
SSTL_ 15
(1.5V , 1.5V)
C =
SSTL_135 (1.35V , 1.35V)
FL = DDR3- 2133 14-14-14
Ball VFBGA
DH = DDR3 - 1600 10-10-10
Operating frequency
The backward compatibility of each speed grade is listed in a table below. If an application operates at specific frequency
which is not defined herein but within the highest and the lowest supporting grade, then the comparative loose
specifications to DRAM must be adopted from the neighboring defined speed bins. Pls confirm notices with NTC for
operating frequency slower than defined speed bins.
Frequency[Mbps]
2133
1866
1600
1600/1333
1333
1066
800
CL[nCK]
14
13
11
10
9
7 or 8
6
VDD[V]
1.5
1.35
1.5
1.35
1.5
1.35
1.5
1.35
1.5
1.35
1.5
1.5
DDR3-FL
2133
1866
1600
1333
1333
1066
800
DDR3-EK
N/A
N/A
1866
1600
1333
1333
1066
800
DDR3-DI
N/A
N/A
N/A
1600
1333
1333
1066
800
DDR3-DH
N/A
N/A
N/A
1333
1333/
1600
1333
1066
800
DDR3L-EK
N/A
1866
1600
1333
1333
1066
800
DDR3L-DI
N/A
N/A
1600
1333
1333
1066
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com