Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320FST70ZA6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M28W320FST70ZA6F
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FST70ZA6F Datasheet(HTML) 1 Page - STMicroelectronics

  M28W320FST70ZA6F Datasheet HTML 1Page - STMicroelectronics M28W320FST70ZA6F Datasheet HTML 2Page - STMicroelectronics M28W320FST70ZA6F Datasheet HTML 3Page - STMicroelectronics M28W320FST70ZA6F Datasheet HTML 4Page - STMicroelectronics M28W320FST70ZA6F Datasheet HTML 5Page - STMicroelectronics M28W320FST70ZA6F Datasheet HTML 6Page - STMicroelectronics M28W320FST70ZA6F Datasheet HTML 7Page - STMicroelectronics M28W320FST70ZA6F Datasheet HTML 8Page - STMicroelectronics M28W320FST70ZA6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
1/55
August 2005
M28W320FST, M28W320FSB,
M28W640FSB, M28W640FST
32Mbit (2Mb x16) and 64Mbit (4Mb x16)
3V Supply, Boot Block, Secure Flash Memories
FEATURES SUMMARY
SUPPLY VOLTAGE
–VDD = 2.7V to 3.6V Core Power Supply
–VDDQ= 1.65V to 3.6V for Input/Output
–VPP = 12V for fast Program (optional)
ACCESS TIME: 70ns
PROGRAMMING TIME:
10µs typical
Double Word Programming Option
Quadruple Word Programming Option
COMMON FLASH INTERFACE
MEMORY BLOCKS
Parameter Blocks (Top or Bottom
location)
Main Blocks
HARDWARE PROTECTION
–VPP Pin for write protect of all blocks
SECURITY FEATURES
128 bit User-programmable OTP segment
64 bit Unique Device Identifier
KRYPTO Features:
Modify Protection,
Read Protection,
Device Authentication
AUTOMATIC STAND-BY MODE
PROGRAM and ERASE SUSPEND
100,000 PROGRAM/ERASE CYCLES per
BLOCK
ELECTRONIC SIGNATURE
Manufacturer Code: 20h
Device Codes:
M28W320FST: 880Ah,
M28W320FSB: 880Bh
M28W640FST: 8858h,
M28W640FSB: 8859h
ECOPACK® PACKAGE AVAILABLE
Figure 1. Package
BGA
TBGA64 (ZA)
10 x 13mm


Similar Part No. - M28W320FST70ZA6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W320FSU STMICROELECTRONICS-M28W320FSU Datasheet
797Kb / 49P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
16-May-2005
M28W320FSU-ZA STMICROELECTRONICS-M28W320FSU-ZA Datasheet
797Kb / 49P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
16-May-2005
M28W320FSU-ZAE STMICROELECTRONICS-M28W320FSU-ZAE Datasheet
797Kb / 49P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
16-May-2005
M28W320FSU-ZAF STMICROELECTRONICS-M28W320FSU-ZAF Datasheet
797Kb / 49P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
16-May-2005
M28W320FSU-ZAT STMICROELECTRONICS-M28W320FSU-ZAT Datasheet
797Kb / 49P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
16-May-2005
More results

Similar Description - M28W320FST70ZA6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
31-Oct-2001
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
13-Jun-2006
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
16-Dec-2002
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
14-Mar-2005
M28W320FSU STMICROELECTRONICS-M28W320FSU Datasheet
797Kb / 49P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
16-May-2005
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
03-Oct-2002
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
17-May-2000
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
16-May-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com