Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LV064A Datasheet (PDF) - STMicroelectronics

M58LV064A Datasheet PDF - STMicroelectronics
Part # M58LV064A
Download  M58LV064A Download
File Size   450.28 Kbytes
Page   65 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories

M58LV064A Datasheet (PDF)

Go To PDF Page Download Datasheet
M58LV064A Datasheet PDF - STMicroelectronics

Part # M58LV064A
Download  M58LV064A Click to download

File Size   450.28 Kbytes
Page   65 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories

M58LV064A Datasheet (HTML) - STMicroelectronics


M58LV064A Product details

SUMMARY DESCRIPTION
M58LV064 is a 64Mbit (4Mb x16 or 2Mb x32) nonvolatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage (2.7V to 3.6V) core supply. On power-up the memory default to Read mode with an asynchronous bus where it can be read in the same way as a non-burst Flash memory.
   
FEATURES SUMMARY
■ WIDE DATA BUS for HIGH BANDWIDTH
    – M58LV064A: x16
    – M58LV064B: x16/x32
■ SUPPLY VOLTAGE
    – VDD = 3.0 to 3.6V M58LV064 core supply
    – VDDQ = 1.8 to VDD for I/O Buffers
■ SYNCHRONOUS/ASYNCHRONOUS READ
    – Synchronous Burst read
    – Pipelined Synchronous Burst Read
    – Asynchronous Random Read
    – Asynchronous Address Latch Controlled
        Read
    – Page Read
■ ACCESS TIME
    – Synchronous Burst Read up to 66MHz
    – Asynchronous Page Mode Read 150/25ns
    – Random Read 150ns
■ PROGRAMMING TIME
    – 16 Word or 8 Double-Word Write Buffer
    – 12µs Word effective programming time
■ 64 UNIFORM 64 KWord MEMORY BLOCKS
■ BLOCK PROTECTION/ UNPROTECTION
■ PROGRAM and ERASE SUSPEND
■ OTP SECURITY AREA
■ COMMON FLASH INTERFACE
■ 100,000 PROGRAM/ERASE CYCLES per
    BLOCK
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 0020h
    – Device Code M58LV064A: 0015h
    – Device Code M58LV064B: 0014h
   




Similar Part No. - M58LV064A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LR016C100ZC6T STMICROELECTRONICS-M58LR016C100ZC6T Datasheet
389Kb / 51P
16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
01-Aug-2002
M58LR016C120ZC6T STMICROELECTRONICS-M58LR016C120ZC6T Datasheet
389Kb / 51P
16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
01-Aug-2002
M58LR016D100ZC6T STMICROELECTRONICS-M58LR016D100ZC6T Datasheet
389Kb / 51P
16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
01-Aug-2002
M58LR016D120ZC6T STMICROELECTRONICS-M58LR016D120ZC6T Datasheet
389Kb / 51P
16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
01-Aug-2002
M58LR128F-ZB STMICROELECTRONICS-M58LR128F-ZB Datasheet
537Kb / 82P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
24-Sep-2004
More results


Similar Description - M58LV064A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
08-Apr-2003
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
11-Feb-2003
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
29-Apr-2003
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
12-Sep-2003
M58LW128A STMICROELECTRONICS-M58LW128A Datasheet
932Kb / 65P
128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
25-Feb-2003
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M59PW064 STMICROELECTRONICS-M59PW064 Datasheet
457Kb / 24P
64 Mbit (4Mb x16, Uniform Block) 3V Supply LightFlash Memory
15-Mar-2005
M28W320FSU STMICROELECTRONICS-M28W320FSU Datasheet
797Kb / 49P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
16-May-2005
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
13-Aug-2004
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
16-Dec-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com