Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW128A Datasheet (PDF) - STMicroelectronics

M58LW128A Datasheet PDF - STMicroelectronics
Part # M58LW128A
Download  M58LW128A Download
File Size   932.36 Kbytes
Page   65 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories

M58LW128A Datasheet (PDF)

Go To PDF Page Download Datasheet
M58LW128A Datasheet PDF - STMicroelectronics

Part # M58LW128A
Download  M58LW128A Click to download

File Size   932.36 Kbytes
Page   65 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories

M58LW128A Datasheet (HTML) - STMicroelectronics


M58LW128A Product details

SUMMARY DESCRIPTION
M58LW128 is a 128 Mbit (8Mb x16 or 4Mb x32) non-volatile memory that can be read, erased and reprogrammed. These operations can be per formed using a single low voltage (2.7V to 3.6V) core supply. On power-up the memory defaults to Read mode with an asynchronous bus where it can be read in the same way as a non-burst Flash memory.

FEATURES SUMMARY
■ WIDE DATA BUS for HIGH BANDWIDTH
    – M58LW128A: x16
    – M58LW128B: x16/x32
■ SUPPLY VOLTAGE
    – VDD = 2.7 to 3.6V core supply voltage for Program, Erase and Read operations
    – VDDQ = 1.8 to VDD for I/O Buffers
■ SYNCHRONOUS/ASYNCHRONOUS READ
    – Synchronous Burst read
    – Pipelined Synchronous Burst Read
    – Asynchronous Random Read
    – Asynchronous Address Latch Controlled Read
    – Page Read
■ ACCESS TIME
    – Synchronous Burst Read up to 66MHz
    – Asynchronous Page Mode Read 150/25ns
    – Random Read 150ns
■ PROGRAMMING TIME
    – 16 Word or 8 Double-Word Write Buffer
    – 12µs Word effective programming time
■ 128 UNIFORM 64 KWord MEMORY BLOCKS
■ BLOCK PROTECTION/ UNPROTECTION
■ PROGRAM and ERASE SUSPEND
■ OTP SECURITY AREA
■ COMMON FLASH INTERFACE
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 0020h
    – Device Code M58LW128A: 8818h
    – Device Code M58LW128B: 8819h




Similar Part No. - M58LW128A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LW032 STMICROELECTRONICS-M58LW032 Datasheet
856Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
11-Feb-2003
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
11-Feb-2003
M58LW032A110N1T STMICROELECTRONICS-M58LW032A110N1T Datasheet
856Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
11-Feb-2003
M58LW032A110N6T STMICROELECTRONICS-M58LW032A110N6T Datasheet
856Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
11-Feb-2003
M58LW032A110ZA1T STMICROELECTRONICS-M58LW032A110ZA1T Datasheet
856Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
11-Feb-2003
More results


Similar Description - M58LW128A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
10-Dec-2004
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
08-Apr-2003
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
13-May-2003
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
16-Dec-2002
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M28W320FSU STMICROELECTRONICS-M28W320FSU Datasheet
797Kb / 49P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
16-May-2005
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
2005-Dec-15
logo
Numonyx B.V
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
logo
STMicroelectronics
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
16-Dec-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com