Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016BT Datasheet (PDF) - STMicroelectronics

M58BW016BT Datasheet PDF - STMicroelectronics
Part # M58BW016BT
Download  M58BW016BT Download
File Size   895.86 Kbytes
Page   63 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories

M58BW016BT Datasheet (PDF)

Go To PDF Page Download Datasheet
M58BW016BT Datasheet PDF - STMicroelectronics

Part # M58BW016BT
Download  M58BW016BT Click to download

File Size   895.86 Kbytes
Page   63 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories

M58BW016BT Datasheet (HTML) - STMicroelectronics


M58BW016BT Product details

Features
■ SUPPLY VOLTAGE
■ VDD = 2.7V to 3.6V for Program, Erase and
■ Read
■ VDDQ = VDDQIN = 2.4V to 3.6V for I/O Buffers
■ VPP = 12V for fast Program (optional)
■ HIGH PERFORMANCE
■ Access Time: 80, 90 and 100ns
■ 56MHz Effective Zero Wait-State Burst Read
■ Synchronous Burst Reads
■ Asynchronous Page Reads
■ HARDWARE BLOCK PROTECTION
■ WP pin Lock Program and Erase
■ SOFTWARE BLOCK PROTECTION
■ Tuning Protection to Lock Program and Erase with 64 bit User Programmable Password (M58BW016B version only)
■ OPTIMIZED for FDI DRIVERS
■ Fast Program / Erase suspend latency
■ time < 6µs
■ Common Flash Interface
■ MEMORY BLOCKS
■ 8 Parameters Blocks (Top or Bottom)
■ 31 Main Blocks
■ LOW POWER CONSUMPTION
■ 5µA Typical Deep Power Down
■ 60µA Typical Standby
■ Automatic Standby after Asynchronous Read
■ ELECTRONIC SIGNATURE
■ Manufacturer Code: 20h
■ Top Device Code M58BW016xT: 8836h
■ Bottom Device Code M58BW016xB: 8835h




Similar Part No. - M58BW016BT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
05-Oct-2007
logo
Numonyx B.V
M58BW016DB NUMONYX-M58BW016DB Datasheet
1Mb / 70P
16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
logo
Micron Technology
M58BW016DB MICRON-M58BW016DB Datasheet
1Mb / 70P
16 Mbit (512 Kbit x 32, boot block, burst)
logo
STMicroelectronics
M58BW016DB70T3FF STMICROELECTRONICS-M58BW016DB70T3FF Datasheet
627Kb / 69P
16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
05-Oct-2007
M58BW016DB70T3FT STMICROELECTRONICS-M58BW016DB70T3FT Datasheet
627Kb / 69P
16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
05-Oct-2007
More results


Similar Description - M58BW016BT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W800BT STMICROELECTRONICS-M28W800BT Datasheet
289Kb / 42P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M28W800CT STMICROELECTRONICS-M28W800CT Datasheet
369Kb / 49P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
16-Dec-2002
M58LW128A STMICROELECTRONICS-M58LW128A Datasheet
932Kb / 65P
128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
25-Feb-2003
M58BW032BT STMICROELECTRONICS-M58BW032BT Datasheet
906Kb / 60P
32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
05-Nov-2004
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
23-Nov-2006
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
05-Oct-2007
logo
Numonyx B.V
M58BW016DB NUMONYX-M58BW016DB Datasheet
1Mb / 70P
16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
M58BW16F NUMONYX-M58BW16F Datasheet
1Mb / 87P
16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
logo
STMicroelectronics
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com