Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # MMSZ
Description  500mW Silicon Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MMSZ Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MMSZ Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MMSZ Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MMSZ Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Green Product
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
500
mW
TSTG
Storage Temperature Range
-65 to +150
°C
TOPR
Operating Temperature Range
-65 to +150
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Wide Zener Voltage Range Selection, 2.0V to 75V
VZ Tolerance Selection of ±5% (C Series)
Flat Lead SOD-123 Plastic Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
MMSZ2V0CW
2V0Z
1.90
2.0
2.10
5
100
1
564
120
0.5
MMSZ2V2CW
2V2Z
2.09
2.2
2.31
5
100
1
564
120
0.7
MMSZ2V4CW
2V4Z
2.28
2.4
2.52
5
100
1
564
45
1
MMSZ2V7CW
2V7Z
2.57
2.7
2.84
5
100
1
564
18
1
MMSZ3V0CW
3V0Z
2.85
3.0
3.15
5
100
1
564
9
1
MMSZ3V3CW
3V3Z
3.14
3.3
3.47
5
95
1
564
4.5
1
MMSZ3V6CW
3V6Z
3.42
3.6
3.78
5
90
1
564
4.5
1
MMSZ3V9CW
3V9Z
3.71
3.9
4.10
5
90
1
564
2.7
1
MMSZ4V3CW
4V3Z
4.09
4.3
4.52
5
90
1
564
2.7
1
MMSZ4V7CW
4V7Z
4.47
4.7
4.94
5
80
1
470
2.7
2
MMSZ5V1CW
5V1Z
4.85
5.1
5.36
5
60
1
451
1.8
2
MMSZ5V6CW
5V6Z
5.32
5.6
5.88
5
40
1
376
0.9
2
MMSZ6V2CW
6V2Z
5.89
6.2
6.51
5
10
1
141
2.7
4
MMSZ6V8CW
6V8Z
6.46
6.8
7.14
5
15
1
75
1.8
4
ELECTRICAL SYMBOL
Cathode
Anode
SOD-123 Flat Lead
MMSZ Serise
500mW Silicon Planar Zener Diodes
Flat Lead SOD-123 Package Outline
Note: Dimensions are exclusive of Burrs, Mold Flash & Tie Bar extrusions.
http://www.trr-jx.com
version: 02


Similar Part No. - MMSZ

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MMSZ10 EIC-MMSZ10 Datasheet
114Kb / 3P
ZENER DIODES
logo
Continental Device Indi...
MMSZ10 CDIL-MMSZ10 Datasheet
313Kb / 5P
ZENER VOLTAGE REGULATOR DIODES
logo
SUNMATE electronic Co.,...
MMSZ10 SUNMATE-MMSZ10 Datasheet
387Kb / 3P
500mW Surface Mount Zener Diodes
MMSZ10 SUNMATE-MMSZ10 Datasheet
596Kb / 3P
SURFACE MOUNT SILICON ZENER DIODES
logo
ON Semiconductor
MMSZ10ET1 ONSEMI-MMSZ10ET1 Datasheet
78Kb / 6P
Zener Voltage Regulators
June, 2004 ??Rev. 1
More results

Similar Description - MMSZ

ManufacturerPart #DatasheetDescription
logo
Surge Components
SL5225 SURGE-SL5225 Datasheet
82Kb / 2P
SILICON PLANAR ZENER DIODES, 500mW,MINIMELF PACKAGE
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
500mW SILICON ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
500mW Silicon Zener Diodes
logo
Zibo Seno Electronic En...
MM1Z2V0 ZSELEC-MM1Z2V0 Datasheet
388Kb / 4P
500mW Silicon Planar Zener Diodes
ZMM5221B ZSELEC-ZMM5221B Datasheet
115Kb / 3P
500mW Silicon Planar Zener Diodes
logo
Micro Commercial Compon...
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
500mW Silicon Zener Diodes
logo
Guangdong Juxing Electr...
MMSZ5221BW JUXING-MMSZ5221BW Datasheet
1Mb / 3P
500mW Silicon Planar Zener Diodes
MMSZXVXCW JUXING-MMSZXVXCW Datasheet
376Kb / 3P
500mW Silicon Planar Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com