Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ Datasheet(PDF) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # MMSZ
Description  500mW Silicon Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MMSZ Datasheet(HTML) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MMSZ Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MMSZ Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MMSZ Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fig.4 TYPICAL CAPACITANCE
Fig.5 ZENER BREAKDOWN CHARACTERISTICS
Fig.6 ZENER BREAKDOWN CHARACTERISTICS
0
100
200
300
400
500
600
0
25
50
75
100
125
150
175
200
TEMPERATURE [
℃]
Fig.3 POWER DISSIPATION VS. AMBIENT TEMP.
Fig.7 TYPICAL LEAKGE CURRENT
http://www.trr-jx.com
version: 02
MMSZ Serise
500mW Silicon Planar Zener Diodes
RATING AND CHARACTERISTIC CURVES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com