Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2LFSS Datasheet(PDF) 4 Page - Mixed Signal Integration

Part # MS2LFSS
Description  Dual Selectable Low Voltage Lowpass/Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MS2LFSS Datasheet(HTML) 4 Page - Mixed Signal Integration

  MS2LFSS Datasheet HTML 1Page - Mixed Signal Integration MS2LFSS Datasheet HTML 2Page - Mixed Signal Integration MS2LFSS Datasheet HTML 3Page - Mixed Signal Integration MS2LFSS Datasheet HTML 4Page - Mixed Signal Integration MS2LFSS Datasheet HTML 5Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dual Selectable Low Voltage Lowpass/Bandpass Filter
Data Sheet
09/2014
Block Diagram
Digital Levels
All the clock and control pins are referenced
between VSS and VDD. In single supply appli-
cations, the digital levels should be CMOS lev-
els from VSS to VDD. The tertiary controls (pins
- TYPE and GAIN) should be set at VSS, VREF or
VDD depending on the filter type or gain de-
Ordering Information__________
Part Number
Package
MS2LFSP
28 Pin DIP
MS2LFSS
28 Pin 300 mils wide SOIC
Absolute Maximum Ratings
Power Supply Voltage
+5V
Storage Temperature
-60 to +150 C
Operating Temperature
0 to 70C
Web Site “www.mix-sig.com”
© 2000-2014 Mixed Signal Integration 4
Mixed Signal Integration Corporation reserves the right to to change any product or specification without notice at any time. Mixed Signal Integration
products are not designed or authorized for use in life support systems. Mixed Signal Integration assumes no responsibility for errors in this docu-
ment.
Gain and Frequency Selection____
The Gain control pin G is a tertiary control pin where
state 0 is VSS, state 1 is GND level and state 2 is VDD.
G
Gain
0
OdB
1
6dB
2
12dB
The frequency control pin F0 is a CMOS level pin
where high is clock to corner of 85.3 to 1 (170.6 to 1
for Bessel) and low is clock to corner of 42.65 to 1
(85.3 to 1 for Bessel).
FSEL=0
FSEL=1
TYPE
Lowpass
Bandpass
0
Butterworth
Full Octave
1
Bessel
Third Octave
2
Elliptic
Sixth Octave
The filter type is selected using the two filter select pins,
TYPE and FSEL, FSEL is a CMOS level pin that selects
lowpass or bandpass (lowpass = 0, bandpass = 1). TYPE
Is a tertiary control pin that selects the filter response.
State 0 is VSS, state 1 is GND and state 2 is VDD.
Filter Selection________________
FSEL A
TYPE A
GAIN A
MIC OUT
MIC IN
SCF
Out A
MIC
Section
VREF
One
PD MIC
Clock
PD A
PD B
Fo
CTVL
PWR
Out B
SCF
IN B
PD Out B
Section
Out B
Three
FSEL B
TYPE B
Adjustable
Gain
SCF
Section
Two
SCF
Section
Three
SCF
Lowpass
Buffer
SCF
Section
Two
SCF
Section
One
SCF
Lowpass
Buffer
Clock
Divider
Low
Voltage
Circuitry



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com