Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2LFSS Datasheet(PDF) 1 Page - Mixed Signal Integration

Part # MS2LFSS
Description  Dual Selectable Low Voltage Lowpass/Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MS2LFSS Datasheet(HTML) 1 Page - Mixed Signal Integration

  MS2LFSS Datasheet HTML 1Page - Mixed Signal Integration MS2LFSS Datasheet HTML 2Page - Mixed Signal Integration MS2LFSS Datasheet HTML 3Page - Mixed Signal Integration MS2LFSS Datasheet HTML 4Page - Mixed Signal Integration MS2LFSS Datasheet HTML 5Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dual Selectable Low Voltage Lowpass/Bandpass Filter
Data Sheet
09/2014
Description
The dual selectable lowpass/bandpass filter IC
is a CMOS chip that can be configured for ei-
ther a lowpass or a bandpass filter. Each fil-
ter is selectable independently. The lowpass
response can be a 7 pole Butterworth, Ellip-
tic or Bessel filter. The band pass response
can be a six pole full, third or sixth o c t a v e
bandpass filter. T he device uses switched-
capacitor filters and no external components
(except for decoupling capacitors) are re-
quired, Only an external CMOS level clock is
needed.
An externally selectable gain setting pin, a
power down pin and clock to corner ratio se-
lect pin are included. Typical current consump-
tion is as low as 500 uA
and the minimum
operating voltage is 1.1 volts, making the de-
vice ideal for portable applications.
Features
Two Independent Filters
Six Filter Types In One Package
No External Components
Switched-Capacitor Filters
Low Power Operation
Low Voltage Operation
Adjustable Gain 0, 6 or 12 dB
Small Package Size
Low Cost
On Chip Power Save Pin
ANSI Compatible Bandpass
Op Amp Input
Applications
Spectrum Analyzers
Battery powered General Purpose Systems
Portable Systems
Anti-Alias Filters
Reconstruction Filters
Telecommunications (Cell phone ASP)
Tracking Filters
Harmonic Analysis
Noise Analysis
Data Communication
Wireless Applications
Telemetry
Lowpass Responses
Bandpass Responses
Web Site “www.mix-sig.com”
© 2000-2014 Mixed Signal Integration 1


Similar Part No. - MS2LFSS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS2 ETC1-MS2 Datasheet
57Kb / 2P
SLOW BLOW MICRO FUSE
logo
EUROQUARTZ limited
MS2 EUROQUARTZ-MS2 Datasheet
261Kb / 1P
10.7mm x 4.7mm x 2.0mm SMD
logo
Bel Fuse Inc.
MS2 BEL-MS2 Datasheet
385Kb / 2P
Slow Blow Micro Fuse
logo
PETERMANN-TECHNIK
MS2 PETERMANN-MS2 Datasheet
70Kb / 1P
HIGH RELIABILITY FOR LOW COST LOW PROFILE - 2.0 MM MAX. PACKAGE HEIGHT
logo
Crydom Inc.,
MS2 CRYDOM-MS2 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - MS2LFSS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC6603 LINER-LTC6603 Datasheet
262Kb / 24P
Dual Adjustable Lowpass Filter
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC6603 LINER-LTC6603_15 Datasheet
275Kb / 24P
Dual Adjustable Lowpass Filter
logo
Mixed Signal Integratio...
MSFB1-6G MSI-MSFB1-6G Datasheet
111Kb / 4P
Bandwidth/Gain Selectable Bandpass Filter
MSFS MSI-MSFS Datasheet
96Kb / 8P
Selectable Lowpass/Bandpass Filter
MSLFS MSI-MSLFS Datasheet
205Kb / 8P
Selectable Low Voltage Lowpass/Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com