Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCPSI Datasheet(PDF) 2 Page - Mixed Signal Integration

Part # MSCPSI
Description  Controller Programmable Sensor Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSCPSI Datasheet(HTML) 2 Page - Mixed Signal Integration

  MSCPSI Datasheet HTML 1Page - Mixed Signal Integration MSCPSI Datasheet HTML 2Page - Mixed Signal Integration MSCPSI Datasheet HTML 3Page - Mixed Signal Integration MSCPSI Datasheet HTML 4Page - Mixed Signal Integration MSCPSI Datasheet HTML 5Page - Mixed Signal Integration MSCPSI Datasheet HTML 6Page - Mixed Signal Integration MSCPSI Datasheet HTML 7Page - Mixed Signal Integration MSCPSI Datasheet HTML 8Page - Mixed Signal Integration MSCPSI Datasheet HTML 9Page - Mixed Signal Integration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PPA
AR
RA
AM
MEETTEER
R
SSY
YM
MB
BO
OLL
C
CO
ON
ND
DIITTIIO
ON
NSS
M
MIIN
N TTY
YPP M
MA
AX
X
U
UN
NIITTSS
------------------------------------------------------------------------------------------------------------------------------------------------------------
DC Specifications
------------------------------------------------------------------------------------------------------------------------------------------------------------
Operating Voltage
VDD
3.3
5.0
5.5
V
---------------------------------------------------------
Supply Current Regular
IDD
Power Control Bits 1111
6
mA
Supply Current Medium
IDD
Power Control Bits 1010
5
mA
Supply Current Low
IDD
Power Control Bits 0101
3
mA
------------------------------------------------------------------------------------------------------------------------------------------------------------
Input Offset Voltage
IOV
5
mv
------------------------------------------------------------------------------------------------------------------------------------------------------------
Input Bias Current
IBI
50
pA
--------------------------------------------------------------------------------------------------------------------------------------------
Switch Input On Resistance
RIN
20
k
Ω
--------------------------------------------------------------------------------------------------------------------------------------------
Temperature Voltage
T= 25oC
2.5
V
-------------------------------------------------------------------------------------------------------------------------------------------
Temperature Voltage Slope
+7.5
mV/oC
------
I/O Interface Voltage
VIO
3
VDD
V
--------------------------------------------------------------------------------------------------------------------------------------------
Reference Voltage
VREF
VDD/2
V
-
AC Specifications
Amp Unity Gain Bandwidth
2
MHz
- -
Output Voltage Range
4
Vpp
----
Output Sink Capability
2
mA
-
Output Source Capability
0.2
mA
- -
Input Impedance
10
M
Ω
--
Input Referenced Noise Amp
en
fo=100 Hz
30
nv/(Hz)1/2
------------------------------------------------------------------------------------------------------------------------------------------------------------
Total Harmonic Distortion
THD
fo=1 kHz A weighted
-60
dB
-
Maximum Clock Frequency
20
MHz
Controller Programmable Sensor Interface
Preliminary Data Sheet
©
©2
20
00
06
6 M
Miixxeedd SSiiggnnaall IInntteeggrraattiioonn 2
2
Electrical Characteristics
(VDD = +5.0V, T = 25o C)
W
Weebb SSiittee ““w
ww
ww
w..m
miixx-ssiigg..ccoom
m””
08/2006
Mixed Signal Integration Corporation reserves the right to change any product or specification without notice at any time. Mixed Signal
Integration products are not designed or authorized for use in life support systems. Mixed Signal Integration assumes no responsibility for errors
in this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com