Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCPSI Datasheet(PDF) 4 Page - Mixed Signal Integration

Part # MSCPSI
Description  Controller Programmable Sensor Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSCPSI Datasheet(HTML) 4 Page - Mixed Signal Integration

  MSCPSI Datasheet HTML 1Page - Mixed Signal Integration MSCPSI Datasheet HTML 2Page - Mixed Signal Integration MSCPSI Datasheet HTML 3Page - Mixed Signal Integration MSCPSI Datasheet HTML 4Page - Mixed Signal Integration MSCPSI Datasheet HTML 5Page - Mixed Signal Integration MSCPSI Datasheet HTML 6Page - Mixed Signal Integration MSCPSI Datasheet HTML 7Page - Mixed Signal Integration MSCPSI Datasheet HTML 8Page - Mixed Signal Integration MSCPSI Datasheet HTML 9Page - Mixed Signal Integration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Controller Programmable Sensor Interface
Preliminary Data Sheet
Pin Number
Pin Name
Description
30
VA
Positive Supply;
Typically 5.0 VDC
31
INAD
Input to A/D
32
OUTLP
Lowpass Filter Output
33
INLP
Lowpass Filter Input)
34
RB4
Port B4
35
RB5
Port B5
36
RB6
Port B6
37
RB7
Port B7
38
MCLRN
FLASH VPP/RESET
39
RA0
Port A0
40
RA1
Port A1
41
RB2
Port A2
42
RA3
Port A3
43
RA4
Port A4
44
RA5
Port A5
45
VSSD
DIGITAL GROUND (0 V)
46
OSC1
CRYSTAL INPUT
47
OSC2
CRYSTAL OUTPUT
48
RC0
Port C0
49
RC1
Port C1
50
RC2
Port C2
51
RC3
Port C3
52
RC4
Port C4
53
RC5
Port RC5
54
RC6
Port C6
55
RC7
Port C7
56
DGND1 DIGITAL GROUND 1 (0 V)
57
VDDD
MICROPROCESSOR SUPPLY
typically tied to 5.0 VDC
58
RB0
Port B0
59
RB1
Port B1
60
RB2
Port B2
61
RB3
Port B3
62
INHP
Highpass Filter Input
63
N/C
Do Not Connect
64
INEXT
External Input
Pin Number
Pin Name
Description
1
BIAS
Bias Input
2
OFST
Offset Adjust Output
3
OPO
Op Amp Output
4
N/C
Do Not Connect
5
N/C
Do Not Connect
6
INN
Low Noise Op Amp
Negative Input
7
N/C
Do Not Connect
8
INP
Low Noise Amp
Positive Input
9
SQO
Square Wave Output
10
VREFI
Voltage Reference Input
11
VREF
Voltage Reference
Nominally 2.5 VDC
12
TEMP
Temperature Sensor Out
13
AGND
Analog Ground
Typically tied to 0 VDC
14
DGND
Digital Ground
Typically tied to 0 VDC
15
TEST
Test pin Do not Connect
16
CLK
Master Clock
17
DS
Data Strobe Input
18
SCK
Serial Data Clock
19
DIN
Serial Data Input
20
VIO
I/O VOLTAGE:
typically
5.0 VDC
21
VDDW
Watchdog Timer VDD
typically 3.3 VDC
22
VDD
DIGITAL POSITIVE SUP-
PLY: Typically 5.0 VDC
23
DOUT
Data
Output
24
N/C
Do Not Connect
25
N/C
Do Not Connect
26
SOUT
Strobe Out Denotes
start of
conversion
27
COUT
Calibrator Output
28
WU
Watchdog output
29
AF1
Alias Filter 1 Output
Drives >100kohms <12 pF
©
©2
20
00
06
6 M
Miixxeedd SSiiggnnaall IInntteeggrraattiioonn 4
4
W
Weebb SSiittee ““w
ww
ww
w..m
miixx-ssiigg..ccoom
m””
08/2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com