Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSFS4 Datasheet(PDF) 2 Page - Mixed Signal Integration

Part # MSFS4
Description  Selectable Lowpass/Bandpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSFS4 Datasheet(HTML) 2 Page - Mixed Signal Integration

  MSFS4 Datasheet HTML 1Page - Mixed Signal Integration MSFS4 Datasheet HTML 2Page - Mixed Signal Integration MSFS4 Datasheet HTML 3Page - Mixed Signal Integration MSFS4 Datasheet HTML 4Page - Mixed Signal Integration MSFS4 Datasheet HTML 5Page - Mixed Signal Integration MSFS4 Datasheet HTML 6Page - Mixed Signal Integration MSFS4 Datasheet HTML 7Page - Mixed Signal Integration MSFS4 Datasheet HTML 8Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Selectable Lowpass/Bandpass Filter
Data Sheet
03/2001
Electrical Characteristics_______
(VDD = +5.0V, T = 25 C)
o
Web Site “www.mix-sig.com”
© 2001 Mixed Signal Integration 2
PARAMETER
PARAMETER
SYMBOL
SYMBOL
CONDITIONS
CONDITIONS
MIN
MIN
TYP
TYP
MAX
MAX
UNITS
UNITS
DC Specifications
DC Specifications
Operating Voltage
VDD
2.7
5
5.5
V
Supply Current
IDD
MSFS1, MSFS2, MSFS5
1
1.5
mA
Supply Current
IDD
MSFS3, MSFS4, MSFS6
200
300
uA
Power Down Current
IPD
MSFS2, MSFS4, PD = 1
150
uA
AC Specifications
AC Specifications
Gain
Av
-0.5
0
0.5
dB
Noise
To 1/2 Sample
250
uVrms
Distortion
THD
A weighted
-72
dB
Signal Swing
1 kHz
4
4.5
V p-p
Input Impedance
ZIN
1
Mohm
Output Drive
Io
1
mA
Output Impedance
Zo
500
ohm
Output Capacitive Load
25
pF
Clock to Corner
MSFS5, MSFS6
99
100
101
Clock to Corner
MSFS1, MSFS3
49.5
50
50.5
Clock to Corner
MSFS2, MSFS4, Fo=1
99
100
101
Clock to Corner
MSFS2, MSFS4, Fo=0
49.5
50
50.5
Center Frequency Range
Fo
MSFS1, MSFS2, MSFS5
0.001
20
kHz
Center Frequency Range
Fo
MSFS3, MSFS4, MSFS6
0.001
3
kHz
Ripple
Ripple
Elliptic Lowpass
0.2
dB
Full Octave
0.2
dB
Third Octave
0.2
dB
Sixth Octave
0.2
dB
Stop Band Rejection
Stop Band Rejection
Elliptic Lowpass
80
dB
Bessel Lowpass
65
dB
40 dB Bandwidth
40 dB Bandwidth
Full Octave
Normalized Fo
0.3
3
Third Octave
Normalized Fo
0.6
1.67
Sixth Octave
Normalized Fo
0.76
1.32
Bandpass Q
Bandpass Q
Full Octave Q
Q
1.5
Third Octave
Q
4.5
Sixth Octave
Q
9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com