Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSFS4 Datasheet(PDF) 8 Page - Mixed Signal Integration

Part # MSFS4
Description  Selectable Lowpass/Bandpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSFS4 Datasheet(HTML) 8 Page - Mixed Signal Integration

  MSFS4 Datasheet HTML 1Page - Mixed Signal Integration MSFS4 Datasheet HTML 2Page - Mixed Signal Integration MSFS4 Datasheet HTML 3Page - Mixed Signal Integration MSFS4 Datasheet HTML 4Page - Mixed Signal Integration MSFS4 Datasheet HTML 5Page - Mixed Signal Integration MSFS4 Datasheet HTML 6Page - Mixed Signal Integration MSFS4 Datasheet HTML 7Page - Mixed Signal Integration MSFS4 Datasheet HTML 8Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Selectable Lowpass/Bandpass Filter
Data Sheet
03/2001
Block Diagram________________
SCF
Section
Three
SCF
Section
One
4
Input
MUX
Filter
and
Clock
Select
(TYPE, FSEL, Fo)
SCF
Section
Two
Single
Pole
Lowpass
Buffer
Adjustable
Gain
IN1
IN2
IN3
IN4
G
Out
o
S1
S2
Input Selection
The input is selected using the Input Select Pins
S1 and S2.
S2
S1
Input
0
0
1
0
1
2
1
0
3
1
1
4
Digital Levels
All the clock and control pins (except TYPE and
G) are referenced between GND and VDD. In
single supply applications, the digital levels
should be CMOS levels from VSS to VDD. In dual
supply systems, the digital levels should be
CMOS levels from GND to VDD.
Ordering Information__________
Part Number
Package
Clock to Corner Ratio
50
50 or 100
50
50 or 100
100
100
50
50 or 100
50
50 or 100
100
100
MSFS1P
8 Pin DIP
MSFS2P
16 Pin DIP
MSFS3P
8 Pin DIP
MSFS4P
16 Pin DIP
MSFS5P
8 Pin DIP
MSFS6P
8 Pin DIP
MSFS1S
8 Pin SOIC
MSFS2S
16 Pin SOIC
MSFS3S
8 Pin SOIC
MSFS4S
16 Pin SOIC
MSFS5S
8 Pin SOIC
MSFS6S
8 Pin SOIC
Absolute Maximum Ratings
Power Supply Voltage
+6V
Storage Temperature
-60 to +150 C
Operating Temperature
0 to 70 C
Web Site “www.mix-sig.com”
© 2001 Mixed Signal Integration 8
Mixed Signal Integration Corporation reserves the right to change any product or specification without notice at any time. Mixed Signal Integration
products are not designed or authorized for use in life support systems. Mixed Signal Integration assumes no responsibility for errors in this docu-
ment.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com