Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLSAN Datasheet(PDF) 4 Page - Mixed Signal Integration

Part # MSLSAN
Description  Low Power Spectrum Analyzer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSLSAN Datasheet(HTML) 4 Page - Mixed Signal Integration

  MSLSAN Datasheet HTML 1Page - Mixed Signal Integration MSLSAN Datasheet HTML 2Page - Mixed Signal Integration MSLSAN Datasheet HTML 3Page - Mixed Signal Integration MSLSAN Datasheet HTML 4Page - Mixed Signal Integration MSLSAN Datasheet HTML 5Page - Mixed Signal Integration MSLSAN Datasheet HTML 6Page - Mixed Signal Integration MSLSAN Datasheet HTML 7Page - Mixed Signal Integration MSLSAN Datasheet HTML 8Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
16
15
INB
GAIN
PD
OUTA
INA
AGND
CLK
VSS
OUT1
OUT2
OUT3
OUT4
OUT5
VDD
OUTB
OUT6
6/2017
Low Power Spectrum Analyzer
Data Sheet
©2007-2
2017
Mixeed Signal Inteegratioon 4
Weeb Sitee ““www.mix-ssig.coom””
Pin Description
1.
INB Inverting Uncommitted Op Amp Input B
2.
OUTA Op Amp Output A
3.
INA
Inverting Op Amp Input A
4.
AGND
Connect to 1/2 VDD
5.
CLK
CMOS Level Selects position of
bandpass filter outputs
6.
VSS
Negative Supply;
Tie to 0VDC
7.
GAIN
Tertiary Control: 0V, 0 dB,
1/2 VDD 10 dB
VDD
20 dB
8.
PD
Power Down;
When CMOS high,
device is powered down.
1/2 VDD selects regular power
VSS selects low power
9.
OUT1 1.12X Filter Output
10.
OUT2 1.26X Filter Output
11.
OUT3 1.41X Filter Output
12.
OUT4 1.59X Filter Output
13.
OUT5 1.78X Filter Output
14.
OUT6 2X Octave Filter Output
15.
VDD Positive Supply Typically 5.0 VDC
16.
OUTB
Uncommitted Op Amp B Output.
Figure 3:
MSLSA Pinout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com