Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLSAN Datasheet(PDF) 1 Page - Mixed Signal Integration

Part # MSLSAN
Description  Low Power Spectrum Analyzer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSLSAN Datasheet(HTML) 1 Page - Mixed Signal Integration

  MSLSAN Datasheet HTML 1Page - Mixed Signal Integration MSLSAN Datasheet HTML 2Page - Mixed Signal Integration MSLSAN Datasheet HTML 3Page - Mixed Signal Integration MSLSAN Datasheet HTML 4Page - Mixed Signal Integration MSLSAN Datasheet HTML 5Page - Mixed Signal Integration MSLSAN Datasheet HTML 6Page - Mixed Signal Integration MSLSAN Datasheet HTML 7Page - Mixed Signal Integration MSLSAN Datasheet HTML 8Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
The MSLSA is a single chip 1/6th octave 6
band spectrum analyzer whose center frequencies
are controlled by a single master clock.
The
center frequencies are set at
1.12246, 1.2599,
1.4142, 1.5874, 1.78179 and 2 (normalized).
The sample to corner is 100:1 for the 2 Hz
normalized output and 178.16:1 at the 1.122 Hz
normalized output.
The MSLSA’s 1.12246 Hz
output is 55.1 kHz (Clock at 5 MHz).
Multiple MSLSA can be connected for spectrum
analysis by taking the master clock of the high
frequency filter and dividing by 2.
The MSLSA includes two uncommitted op amps
for adding additional fixed gain for microphone or
other low level applications.
A digitally program-
mable gain stage provides 0, 10 or 20 dB of
gain.
The PD pin selects power down, low
power for ultrasonic applications and regular
power for operation at 2 MHz center frequency.
The MSLSA is fabricated in 0.6 um CMOS
process for low power consumption and opera-
tion from 3.0 to 5.5 VDC.
The MSLSA is
available in a 16-lead SOIC-16 Narrow package.
Features
Selectable Power Modes
Regular Power Consumption: 5 mA at +5V
Low Power Consumption:
2 mA at +5VDC
Powerdown Mode
Operates from 3.0 V to 5.5 VDC
6 Six pole Bandpass filters in one package
Digitally controlled gain stage
Two Uncommitted Op Amps
No Microprocessor Needed
Applications
Real-Time Spectrum Analysis
Audio and Ultrasonic Analysis
Vibration Analysis
Ordering Information
Part Number
Package
Operating Temperature
MSLSAN
SOIC-16N
-40o to +85o C
All packages are 150 mil wide (Narrow SOIC)
Absolute Maximum Ratings
Power Supply Voltage
+6V
Storage Temperature Range
-60o to +150oC
Operating Temperature Range
-40o to +85oC
Low Power Spectrum Analyzer
Data Sheet
©2007-2
2017 Mixeed Signal Inteegratioon 1
6/2017
www.mix-ssig.coom
-80
-70
-60
-50
-40
-30
-20
-10
0
Figure 1:
Normalized Frequency Response


Similar Part No. - MSLSAN

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
MSL LORLIN-MSL Datasheet
330Kb / 2P
MSL LOCK SWITCH WITH BRACKETED OR SNAP ON MAINS SWITCH MODULE
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154BV UOT-MSL-154BV Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154DR UOT-MSL-154DR Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-154G UOT-MSL-154G Datasheet
34Kb / 2P
Surface Mount Chip LEDs
More results

Similar Description - MSLSAN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H500 ETC2-H500 Datasheet
1Mb / 12P
Spectrum Analyzer
logo
Keysight Technologies
N9320B KEYSIGHT-N9320B Datasheet
639Kb / 11P
RF Spectrum Analyzer
N9344C KEYSIGHT-N9344C Datasheet
1Mb / 10P
Handheld Spectrum Analyzer
logo
TEKTRONIX, INC.
RSA306B TEKTRONIX-RSA306B Datasheet
1Mb / 26P
Spectrum Analyzer
RSA500A TEKTRONIX-RSA500A Datasheet
2Mb / 36P
Spectrum Analyzer
RSA600A TEKTRONIX-RSA600A Datasheet
1Mb / 32P
Spectrum Analyzer
logo
Good Will Instrument Co...
GSP-930 GWINSTEK-GSP-930 Datasheet
2Mb / 2P
SPECTRUM ANALYZER
GSP-9300B GWINSTEK-GSP-9300B Datasheet
711Kb / 4P
3GHz SPECTRUM ANALYZER
GSP-9330 GWINSTEK-GSP-9330 Datasheet
863Kb / 4P
3.25GHz SPECTRUM ANALYZER
logo
List of Unclassifed Man...
SSA3032XPLUS ETC1-SSA3032XPLUS Datasheet
1Mb / 20P
Spectrum Analyzer
2011/65/EU
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com