Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSTHDA Datasheet(PDF) 4 Page - Mixed Signal Integration

Part # MSTHDA
Description  Total Harmonic Distortion Analyzer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSTHDA Datasheet(HTML) 4 Page - Mixed Signal Integration

  MSTHDA Datasheet HTML 1Page - Mixed Signal Integration MSTHDA Datasheet HTML 2Page - Mixed Signal Integration MSTHDA Datasheet HTML 3Page - Mixed Signal Integration MSTHDA Datasheet HTML 4Page - Mixed Signal Integration MSTHDA Datasheet HTML 5Page - Mixed Signal Integration MSTHDA Datasheet HTML 6Page - Mixed Signal Integration MSTHDA Datasheet HTML 7Page - Mixed Signal Integration MSTHDA Datasheet HTML 8Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Total Harmonic Distortion Analyzer
Data Sheet
6/2017
Pin Description
1.
INB Inverting Uncommitted Op Amp Input B
2.
OUTA Op Amp Output A
3.
INA
Inverting Op Amp Input A
4.
BIAS
Bias Input on MSTHD-1
IPA
Noninverting Op Amp Input A MSTHD
5.
AGND
Connect to 1/2 VDD
6.
CLK
CMOS Clock adjusts position of
bandpass filter outputs.
7.
VSS
Negative Supply;
Tie to 0VDC
8.
GAIN
Tertiary Control: 0V, 0 dB,
1/2 VDD 10 dB
VDD
20 dB
9.
PD
Power Down;
When CMOS high,
device is powered down.
10.
OUT1 Fundamental Filter Output
11.
OUT2 Second Harmonic Filter Output
12.
OUT3 Third Harmonic Filter Output
13.
OUT4 Fourth Harmonic Filter Output
14.
OUT5 Fifth Harmonic Filter Output
15.
VDD Positive Supply Typically 5.0 VDC
16.
OUTB
Uncommitted Op Amp B Output.
©2007-2
2017 Mixeed Signal Inteegratioon 4
ww.mix-ssig.coom
1
2
3
4
5
6
7
14
13
12
11
10
9
8
15
INB
GAIN
PD
OUTA
INA
BIAS/IPA
AGND
CLK
VSS
OUT1
OUT2
OUT3
OUT4
OUT5
VDD
OUTB
16
Figure 3:
MSTHDA/MSTHDA-1 Pinout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com