Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSTHDA Datasheet(PDF) 1 Page - Mixed Signal Integration

Part # MSTHDA
Description  Total Harmonic Distortion Analyzer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSTHDA Datasheet(HTML) 1 Page - Mixed Signal Integration

  MSTHDA Datasheet HTML 1Page - Mixed Signal Integration MSTHDA Datasheet HTML 2Page - Mixed Signal Integration MSTHDA Datasheet HTML 3Page - Mixed Signal Integration MSTHDA Datasheet HTML 4Page - Mixed Signal Integration MSTHDA Datasheet HTML 5Page - Mixed Signal Integration MSTHDA Datasheet HTML 6Page - Mixed Signal Integration MSTHDA Datasheet HTML 7Page - Mixed Signal Integration MSTHDA Datasheet HTML 8Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
The MSTHDA is a single chip 1/6th octave-wide
5 harmonic Total Harmonic Distortion
analyzer
whose center frequencies are controlled by a
single master clock.
The center frequencies are
set at the fundamental, second harmonic, third
harmonic, fourth harmonic and fifth harmonic fre-
quency.
The sample to corner is 25:1 for the
fifth-harmonic output
and 125:1 at the funda-
mental output (Double Sampled).
The fifth har-
monic output is 3.4 MHz when clocked at 42.5
MHz (MSTHDA-1).
The MSTHDA includes two uncommitted op
amps for adding additional fixed gain for micro-
phone or other low level applications.
A digital-
ly programmable gain stage provides 0, 10 or
20 dB of gain.
The PD pin selects power
down, low power for ultrasonic applications and
regular power for high frequency operation.
The MSTHDA is fabricated in 0.6 um CMOS
process for low power consumption and opera-
tion from 3.0 to 5.5 VDC.
All packages are
150 mil wide (Narrow SOIC)
Features
Selectable Power Modes as low as 2 mA (3V)
Power Down Mode to 400 uA
Operates from 3.0 V to 5.5 VDC
5 6 pole Bandpass filters in one package
Digitally controlled gain stage
Two Uncommitted Op Amps
No Microprocessor Needed
Applications
Multi-standard RFID Readers (MSTHDA-1)
Real-Time Distortion Analysis
Audio and Ultrasonic Analysis
Vibration Analysis
Ordering Information
Part Number
Package
Operating Temperature
MSTHDAN
SOIC-16N
-40o to +85o C
Absolute Maximum Ratings
Power Supply Voltage
+6V
Storage Temperature Range
-60 to +150oC
Operating Temperature Range
-40 to +85oC
Total Harmonic Distortion Analyzer
Data Sheet
©2007-2
2017 Mixeed Signal Inteegratioon 1
6/2017
ww.mix-ssig.coom
-70
-60
-50
-40
-30
-20
-10
0
FREQUENCY (Hz)
Figure 1:
Normalized Frequency Response


Similar Part No. - MSTHDA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MST MACOM-MST Datasheet
95Kb / 2P
HIGH-PERFORMANCE RELAYS
logo
Eaton All Rights Reserv...
MST EATON-MST Datasheet
543Kb / 5P
SMD current sensing resistor- metal strip
June 2022
logo
Conquer Electronics Co....
MST CONQUER-MST Datasheet
217Kb / 1P
8.35 x 4.3 x 7.7 mm
logo
HellermannTyton.
MST HELLERMANNTYTON-MST Datasheet
151Kb / 3P
Cable Ties and Fixings
September 2022
logo
List of Unclassifed Man...
MST-1 ETC2-MST-1 Datasheet
739Kb / 16P
MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
More results

Similar Description - MSTHDA

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HS14 MERCURY-HS14 Datasheet
120Kb / 1P
High purity and low total harmonic distortion. Ideal for audio modulation applications .
HSR8 MERCURY-HSR8 Datasheet
119Kb / 1P
High purity and low total harmonic distortion. Ideal for audio modulation applications
HSR14 MERCURY-HSR14 Datasheet
119Kb / 1P
High purity and low total harmonic distortion. Ideal for audio modulation applications
HSR43 MERCURY-HSR43 Datasheet
119Kb / 1P
High purity and low total harmonic distortion. Ideal for audio modulation applications
HSR53 MERCURY-HSR53 Datasheet
119Kb / 1P
High purity and low total harmonic distortion. Ideal for audio modulation applications
HSR57 MERCURY-HSR57 Datasheet
323Kb / 1P
High purity and low total harmonic distortion. Ideal for audio modulation applications .
logo
Supertex, Inc
HV2605 SUTEX-HV2605 Datasheet
881Kb / 8P
Low Harmonic Distortion 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2802 MICROCHIP-HV2802 Datasheet
328Kb / 26P
Low Harmonic Distortion, 32-Channel SPST
07/14/15
logo
SHANGHAI BELLING CO., L...
BL4684C BELLING-BL4684C Datasheet
166Kb / 7P
Low Total Harmonic Distortion
logo
Nexperia B.V. All right...
PESD24VY1BSF NEXPERIA-PESD24VY1BSF Datasheet
157Kb / 7P
Very low harmonic distortion bidirectional ESD protection diode
15 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com