Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSVHFS Datasheet(PDF) 5 Page - Mixed Signal Integration

Part # MSVHFS
Description  Selectable Very High Frequency LP/BP Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSVHFS Datasheet(HTML) 5 Page - Mixed Signal Integration

  MSVHFS Datasheet HTML 1Page - Mixed Signal Integration MSVHFS Datasheet HTML 2Page - Mixed Signal Integration MSVHFS Datasheet HTML 3Page - Mixed Signal Integration MSVHFS Datasheet HTML 4Page - Mixed Signal Integration MSVHFS Datasheet HTML 5Page - Mixed Signal Integration MSVHFS Datasheet HTML 6Page - Mixed Signal Integration MSVHFS Datasheet HTML 7Page - Mixed Signal Integration MSVHFS Datasheet HTML 8Page - Mixed Signal Integration MSVHFS Datasheet HTML 9Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Pin Description MSVHFS2/4
1.
TYPE
Filter Response Select Pin.
2.
S2
Input Multiplexor Select Pin
3.
CLK
Square Wave Clock Input
4.
G
Gain Select Pin
5.
VDD
Positive Power Supply,Typically
+1.5 Volts for Split Supply, +3.0
Volts for Single Supply
6.
PD
Power Down Pin, CMOS level,
Hi = Power Down
7,
VSS
Negative Power Supply,Typically
-1.5 Volts for Split Supply, 0
Volts for Single Supply
8.
F0
Clock to Corner Select Pin
9.
GND
GND Pin, OV for Split Supplies
+1.5 Volts Typical for Single
Supply
10. FIN1
Filter Input 1
11. FIN2
Filter Input 2
12. FIN3
Filter Input 3
13. FIN4
Filter Input 4
14. FSEL
Filter Select
2 = Bandpass; 0= Lowpass
15. OUT
Filter Output
16
S1
Input Multiplexor Select Pin
Pin Configuration MSVHFS2/4
Pin Description MSVHFS1/3/5/6
1.. FSEL
Filter Select
2. OUT
Filter Output
3 TYPE
Filter Response Select Pin.
4.
CLK
Square Wave Clock Input
5.
VDD
Positive Power Supply,Typically
+1.5 Volts for Split Supply, +3.0
Volts for Single Supply
6,
VSS
Negative Power Supply,Typically
-1.5 Volts for Split Supply, 0
Volts for Single Supply
7.
AGND
GND Pin, OV for Split Supplies
+1.5 Volts Typical for Single
Supply
8. FIN
Filter Input
Pin Configuration MSVHFS1/3/5/6
Ordering Information
Part Number
Package
Operating Tempeature
MSVHFS1N
SOIC-8
-40o to +85o C
MSVHFS2N
SOIC-16
-40o to +85o C
MSVHFS3N
SOIC-8
-40o to +85o C
MSVHFS4N
SOIC-16
-40o to +85o C
MSVHFS5N
SOIC-8
-40o to +85o C
MSVHFS6N
SOIC-8
-40o to +85o C
All packages are 150 mil wide (Narrow SOIC)
©2011-2
2014 Mixeed Signal Inteegratioon
5
Weeb Sitee ““www.mix-ssig.coom””
6/2014
Selecttable Very High Frequency LP//BP Filtter
Datta Sheett
1
2
3
4
5
6
7
14
13
12
11
10
9
8
16
15
TYPE
FO
AGND
S2
CLK
G
VDD
PD
VSSA
FIN1
FIN3
FIN4
FSEL
OUT
S1
FIN2
1
2
3
4
6
5
8
7
FSEL
OUT
TYPE
CLK
VDD
VSS
GND
IN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com