Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSVHFS Datasheet(PDF) 1 Page - Mixed Signal Integration

Part # MSVHFS
Description  Selectable Very High Frequency LP/BP Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSVHFS Datasheet(HTML) 1 Page - Mixed Signal Integration

  MSVHFS Datasheet HTML 1Page - Mixed Signal Integration MSVHFS Datasheet HTML 2Page - Mixed Signal Integration MSVHFS Datasheet HTML 3Page - Mixed Signal Integration MSVHFS Datasheet HTML 4Page - Mixed Signal Integration MSVHFS Datasheet HTML 5Page - Mixed Signal Integration MSVHFS Datasheet HTML 6Page - Mixed Signal Integration MSVHFS Datasheet HTML 7Page - Mixed Signal Integration MSVHFS Datasheet HTML 8Page - Mixed Signal Integration MSVHFS Datasheet HTML 9Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Descrription
The MSVHFS1-6 is a selectable very high frequen-
cy
lowpass/bandpass filter CMOS IC. The low-
pass response can be a 6 pole Butterworth,
Elliptic or Bessel filter.
The band pass response
can be a six pole full, third or sixth octave
bandpass filter. The device uses switched-capacitor
filters (SCF) and no external components (except
for decoupling capacitors) are required, Two exter-
nal clocks are needed for the mixer and filter
functions.
Lower current, and lower frequencies
are pin selected.
An externally selectable gain setting pin, along
with a power down and clock to corner ratio
select pin are included in the 16 pin version.
Absolute Maxim
mum
m Ratings
Power Supply Voltage
+3.5V
Storage Temperature Range
-60o to +150o C
Operating Temperature Range
-40o to +85o C
Feaaturres
·
Low Voltage: 3.0 VDC
Six Filter Types In One Package
No External Components
Switched-Capacitor Filters
Very High Frequency Filter Operation
Selectable Gain 0, 10 or 20 dB
Small Package Size
On Chip Power Save Pin
ANSI Compatible Bandpass
·
Applicaations
Spectrum Analyzers
General Purpose Systems
Portable Systems
Anti-Alias Filters
Telecommunications
Tracking Filters
Harmonic Analysis
Noise Analysis
Data Communication
Wireless Applications
Selecttable Very High Frequency LP//BP Filtter
Datta Sheett
6/2014
©2011-2
2014 Mixeed Signal Inteegratioon 1
Weeb Sitee ““www.mix-ssig.coom””
Figure 1 Block Diagram


Similar Part No. - MSVHFS

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MSV-0505 VOLGEN-MSV-0505 Datasheet
276Kb / 3P
1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
MSV-0505D VOLGEN-MSV-0505D Datasheet
276Kb / 3P
1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
MSV-0509 VOLGEN-MSV-0509 Datasheet
276Kb / 3P
1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
MSV-0509D VOLGEN-MSV-0509D Datasheet
276Kb / 3P
1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
MSV-0512 VOLGEN-MSV-0512 Datasheet
276Kb / 3P
1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
More results

Similar Description - MSVHFS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC-50 ETC1-ASC-50 Datasheet
273Kb / 2P
Over 200 LP, HP, BP, BR Analog & DSP Filters Options
logo
Frequency Devices, Inc.
VM16FFFA FREQUENCYDEVICES-VM16FFFA Datasheet
188Kb / 2P
Fixed Frequency Filter with Selectable Gain VME Board
logo
List of Unclassifed Man...
05001 ETC2-05001 Datasheet
160Kb / 8P
CAPACITORS, FIXED, CERAMIC, CHIP, 0805, HIGH FREQUENCY, BP
05002 ETC2-05002 Datasheet
161Kb / 8P
CAPACITORS, FIXED, CERAMIC, CHIP, 0603, HIGH FREQUENCY, BP
logo
SYNERGY MICROWAVE CORPO...
FCPL1215-25 SYNERGY-FCPL1215-25 Datasheet
447Kb / 6P
Selectable frequency SYNTHESIZER
FCPL3644-26 SYNERGY-FCPL3644-26 Datasheet
419Kb / 8P
SELECTABLE FREQUENCY SYNTHESIZER
FCPL65120-10 SYNERGY-FCPL65120-10 Datasheet
427Kb / 8P
SELECTABLE FREQUENCY SYNTHESIZER
logo
Mixed Signal Integratio...
MSHFS MSI-MSHFS Datasheet
200Kb / 5P
Selectable High Frequency LP/BP Filter
MSMXVHF MSI-MSMXVHF Datasheet
69Kb / 7P
High Frequency Mixer and Selectable VHF LP/BP Filter
logo
Maxim Integrated Produc...
MAX7438EVKIT MAXIM-MAX7438EVKIT Datasheet
186Kb / 6P
Selectable High-Frequency Boost Levels
Rev 0; 6/03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com