Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4001S Datasheet(PDF) 5 Page - Interpion semiconductor

Part # IP4001S
Description  5-CH MOTOR DRIVEIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4001S Datasheet(HTML) 5 Page - Interpion semiconductor

  IP4001S Datasheet HTML 1Page - Interpion semiconductor IP4001S Datasheet HTML 2Page - Interpion semiconductor IP4001S Datasheet HTML 3Page - Interpion semiconductor IP4001S Datasheet HTML 4Page - Interpion semiconductor IP4001S Datasheet HTML 5Page - Interpion semiconductor IP4001S Datasheet HTML 6Page - Interpion semiconductor IP4001S Datasheet HTML 7Page - Interpion semiconductor IP4001S Datasheet HTML 8Page - Interpion semiconductor IP4001S Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
- 5 -
Nov. 2004 (Rev. 1)
www.interpionsemi.com
IP4001S
5-CH MOTOR DRIVE IC
APPLICATION SUMMARY
- All mute function using the REF pin
When the all mute function is required, you can use the reference pin as follows;
Pin 23
Mute
Above 1.0V
off
Below 1.0V
on
- All mute function using the Mute pin
All mute function can be also obtained using the MUTE pin as follows;
Pin 7
Mute
High
off
Low
on
Fig. 1. All mute function using the reference pin
Fig. 2. All mute function using the MUTE pin
Muting all channel drivers can be obtained using the
REF (signal reference) pin. The simplified schematic
diagram for reference all mute function is shown in
Fig.1. When the input voltage of the signal reference
pin (pin23) is below 1.0V, the comparator turns Q1 on
and the bias currents of all output drivers are shut
down.
As we can see in Fig. 2, if the voltage of the pin7
becomes low (below 0.5V) or open, the bias currents
for all output drivers are shut down.
On the contrary, when the voltage of the pin7 becomes
high (above 2.0V), the drivers operate normally.
VCC2
30k
30k
Q2
Q3
7
Bias currents
for output
drivers
- Thermal shutdown
Temperature
mute
Above 175 OC
on
Falls below 150 OC
off
Hysteresis
25 OC
The IP4001S has a thermal protection against the
abnormal operation. When the junction temperature
rises above 175OC, and channel drivers are muted.
This makes the junction temperature be continuously
decreased.
When the junction temperature falls below 150OC, all
channel operature again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com