Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4001S Datasheet(PDF) 10 Page - Interpion semiconductor

Part # IP4001S
Description  5-CH MOTOR DRIVEIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4001S Datasheet(HTML) 10 Page - Interpion semiconductor

Back Button IP4001S Datasheet HTML 6Page - Interpion semiconductor IP4001S Datasheet HTML 7Page - Interpion semiconductor IP4001S Datasheet HTML 8Page - Interpion semiconductor IP4001S Datasheet HTML 9Page - Interpion semiconductor IP4001S Datasheet HTML 10Page - Interpion semiconductor IP4001S Datasheet HTML 11Page - Interpion semiconductor IP4001S Datasheet HTML 12Page - Interpion semiconductor IP4001S Datasheet HTML 13Page - Interpion semiconductor IP4001S Datasheet HTML 14Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
- 10 -
Nov. 2004 (Rev. 1)
www.interpionsemi.com
IP4001S
5-CH MOTOR DRIVE IC
ELECTRICAL CHARACTERISTICS CURVES
4.0
6.0
8.0
10.0
12.0
14.0
0
2
4
6
8
10
12
14
16
Icc(mA)
Vcc=Sweep
Vref=2.5V
Vin=0.1Vrms
RL=8 ohm
Mute=High
Vcc(V)
Icc vs. Vcc
4.0
6.0
8.0
10.0
12.0
14.0
0
1
2
3
4
5
6
7
Imute(mA)
Vcc=Sweep
Vref=2.5V
Vin=5V
RL=8 ohm
Mute=High
Vcc(V)
Imute vs. Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com