Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4001SL Datasheet(PDF) 6 Page - Interpion semiconductor

Part # IP4001SL
Description  5-CH MOTOR DRIVEIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4001SL Datasheet(HTML) 6 Page - Interpion semiconductor

Back Button IP4001SL Datasheet HTML 2Page - Interpion semiconductor IP4001SL Datasheet HTML 3Page - Interpion semiconductor IP4001SL Datasheet HTML 4Page - Interpion semiconductor IP4001SL Datasheet HTML 5Page - Interpion semiconductor IP4001SL Datasheet HTML 6Page - Interpion semiconductor IP4001SL Datasheet HTML 7Page - Interpion semiconductor IP4001SL Datasheet HTML 8Page - Interpion semiconductor IP4001SL Datasheet HTML 9Page - Interpion semiconductor IP4001SL Datasheet HTML 10Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
- 6 -
Nov. 2004 (Rev. 1)
www.interpionsemi.com
IP4001S
5-CH MOTOR DRIVE IC
APPLICATION SUMMARY (Continued)
- Tray motor drive part
CH5 is a forward/reverse controlled DC motor driver for tray motor. The forward or reverse movement of the
tray motor is controlled by the pins 9 and 14. The output voltage status according to the control input conditions
are shown in the table. The magnitude of the differential output voltage is determined by the control current
generator. The control input voltage, VCTL at the pin20 approximately appears across R1 and hence the control
current,
∆i is VCTL/R1. This current enters into the control current distributor, which generates two output
currents,
∆i1 and ∆i2. The magnitude of ∆i1 and ∆i2 are equal each other and is the same as ∆i. When the pin9
is high and the pin14 is low, the direction of the current flow of
∆i1 and ∆i2 are the same direction as shown in Fig.
5. On the contrary, when the pin9 is low and the pin14 is high, the direction of
∆i1 and ∆i2 are reversed. If both
the pins 9 and 14 are high or low at the same time,
∆i1 and ∆i2 become to be zero and the tray motor is in the
brake mode. When the output is not in the brake mode, the magnitude of the differential output voltage and the
CTL-to-output transfer gain are given as in the following equations. The resistors, R1 and R2 are selected such
that Gv has a typical value of 1.0 V/V. Rb1 and Rb2 are used for setting the output voltage when the pin20 is
open circuited. The typical output voltage as the pin20 is opened is about 3.1V for the supply voltage of 8V.
INPUT
FWD(PIN9)
REV(PIN14)
DO5+(PIN15)
DO5-(PIN16)
STATUS
High
High
Vpref
Vpref
Brake
High
Low
High
Low
Forward
Low
High
Low
High
Reverse
Low
Low
Vpref
Vpref
Brake
OUTPUT
⋅⋅
⋅
∂
∂
G v=
R2
V o= 2
C TL
R1
V o
R2
=2
C T L
R1
Fig. 3. Tray drive part
VCTL
Δi=
R1
⋅ R2
Vo5+ = Pref - VCTL
R1
⋅ R2
Vo5- = Pref + VCTL
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com