Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4001SL Datasheet(PDF) 14 Page - Interpion semiconductor

Part # IP4001SL
Description  5-CH MOTOR DRIVEIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4001SL Datasheet(HTML) 14 Page - Interpion semiconductor

Back Button IP4001SL Datasheet HTML 8Page - Interpion semiconductor IP4001SL Datasheet HTML 9Page - Interpion semiconductor IP4001SL Datasheet HTML 10Page - Interpion semiconductor IP4001SL Datasheet HTML 11Page - Interpion semiconductor IP4001SL Datasheet HTML 12Page - Interpion semiconductor IP4001SL Datasheet HTML 13Page - Interpion semiconductor IP4001SL Datasheet HTML 14Page - Interpion semiconductor IP4001SL Datasheet HTML 15Page - Interpion semiconductor IP4001SL Datasheet HTML 16Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
- 14 -
Nov. 2004 (Rev. 1)
www.interpionsemi.com
IP4001S
5-CH MOTOR DRIVE IC
ELECTRICAL CHARACTERISTICS CURVES (Continued)
-25
0
25
50
75
100
0
2
4
6
8
10
12
Icc(m A)
Vcc=8V
Vin=Vref=2.5V
Mute=High
RL=O pen
Temp=Sweep
Temperature
Icc vs. Tem perature
-25
0
2 5
50
75
100
0
1
2
3
4
5
Im ute(m A)
V cc= 8V
V in= V ref= 2.5V
M ute= Low
R L= O pen
T em p= Sw eep
T em p erature
Im ute vs. T em pe ratu re



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com