Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EG2136 Datasheet(PDF) 11 Page - Jingjing Microelectronics Co., Ltd

Part # EG2136
Description  Three-phase semI-brIdge circuit drive chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EGMICRO [Jingjing Microelectronics Co., Ltd]
Direct Link  http://www.egmicro.com/
Logo EGMICRO - Jingjing Microelectronics Co., Ltd

EG2136 Datasheet(HTML) 11 Page - Jingjing Microelectronics Co., Ltd

Back Button EG2136 Datasheet HTML 5Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 6Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 7Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 8Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 9Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 10Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 11Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 12Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 13Page - Jingjing Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
屹晶微电子有限公司
EG2136 芯片数据手册 V1.0
三相半桥电路驱动芯片
2016 ©屹晶微电子有限公司 版权所有
www.EGmicro.com
11 / 12
2. 输入信号和输出信号逻辑真值表:
VCC
VBS
ITRIP
ENABLE
FAULT
LO1,2,3
HO1,2,3
<UVCC
×
×
×
0(注 1)
0
0
15V
<UVBS
0V
5V
高阻
LIN1,2,3
0
15V
15V
0V
5V
高阻
LIN1,2,3
HIN1,2,3
15V
15V
>VITRIP
5V
0(注 2)
0
0
15V
15V
0V
0V
高阻
0
0
注
1:直通保护防止 LO1,2,3 与 HO1,2,3 同时导通。
注
2:当 VCC> VCCUV-,VCCUV-并不会锁定,FAULT 变为高阻。
注
3:当 ITRIP< VITRIP,RCIN 电压大于 8V(@VCC=15V),FAULT 变为高阻。
3. 开关时间波形:
LIN1,2,3
HIN1,2,3
HIN1,2,3
LIN1,2,3
HO1,2,3
LO1,2,3
50%
50%
50%
50%
90%
90%
10%
10%
pwin
pwout
ton
toff
tf
tr
图
7-2. 开关时间波形图
4. 使能关断波形:
EN
HO1,2,3
LO1,2,3
50%
90%
ten
图
7-3. 使能关断波形图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com