Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EG2136 Datasheet(PDF) 13 Page - Jingjing Microelectronics Co., Ltd

Part # EG2136
Description  Three-phase semI-brIdge circuit drive chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EGMICRO [Jingjing Microelectronics Co., Ltd]
Direct Link  http://www.egmicro.com/
Logo EGMICRO - Jingjing Microelectronics Co., Ltd

EG2136 Datasheet(HTML) 13 Page - Jingjing Microelectronics Co., Ltd

Back Button EG2136 Datasheet HTML 5Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 6Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 7Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 8Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 9Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 10Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 11Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 12Page - Jingjing Microelectronics Co., Ltd EG2136 Datasheet HTML 13Page - Jingjing Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
屹晶微电子有限公司
EG2136 芯片数据手册 V1.0
三相半桥电路驱动芯片
2016 ©屹晶微电子有限公司 版权所有
www.EGmicro.com
13 / 12
8. 输入噪声滤波波形:
tFLTIN
tFLTIN
tFLTIN
tFLTIN
HIN1,2,3
LIN1,2,3
HO1,2,3
LO1,2,3
HIN1,2,3
LIN1,2,3
HO1,2,3
LO1,2,3
high
low
图
7-8. 输入噪声滤波波形图
8. 封装尺寸
8.1
SOP28L 封装尺寸
E1
E
b
e
B
B
D
A3
A2 A
A1
b1
b
c1 c
WITH PLATING
MIN NOM MAX
MILLIMETER
SYMBOL
A
-
-
2.65
A1
A2
A3
0.10
-
0.30
2.25 2.30 2.35
0.97 1.02 1.07
b
b1
c
c1
D
E
E1
e
L
L1
θ
0.38
0.39
-
0.47
0.41 0.44
0.25
-
0.29
0.24 0.25
0.26
17.90 18.00 18.10
10.10 10.30 10.50
7.40 7.50 7.60
1.27BSC
0.70
-
1.00
1.40REF
0
-
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com