Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6052 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJU6052
Description  White LED Driver with Automatic Dimming Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6052 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJU6052 Datasheet HTML 15Page - New Japan Radio NJU6052 Datasheet HTML 16Page - New Japan Radio NJU6052 Datasheet HTML 17Page - New Japan Radio NJU6052 Datasheet HTML 18Page - New Japan Radio NJU6052 Datasheet HTML 19Page - New Japan Radio NJU6052 Datasheet HTML 20Page - New Japan Radio NJU6052 Datasheet HTML 21Page - New Japan Radio NJU6052 Datasheet HTML 22Page - New Japan Radio NJU6052 Datasheet HTML 23Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
-21 -
NJU6052
Ver.2004-02-26
2.
Load Current
Figure 9
Output Voltage vs. Load Current
Figure 10
Efficiency vs. Load Current
@VDD=3V,L=10uH,Duty=82%
0
2
4
6
8
10
12
14
16
18
0
1020
3040
5060
7080
90
100
Load Current[mA]
f=210kHz
f=350kHz
f=490kHz
@VDD=5V,L=10uH,Duty=82%
0
2
4
6
8
10
12
14
16
18
0
10
2030
4050
6070
8090
100
Load Current[mA]
f=210kHz
f=350kHz
f=490kHz
@VDD=3V,L=10uH,Duty=82%
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
40
5060
70
80
90
100
Load Current[mA]
f=210kHz
f=350kHz
f=490kHz
@VDD=5V,L=10uH,Duty=82%
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
7080
90 100
Load Current[mA]
f=210kHz
f=350kHz
f=490kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com