Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6052 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU6052
Description  White LED Driver with Automatic Dimming Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6052 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU6052 Datasheet HTML 3Page - New Japan Radio NJU6052 Datasheet HTML 4Page - New Japan Radio NJU6052 Datasheet HTML 5Page - New Japan Radio NJU6052 Datasheet HTML 6Page - New Japan Radio NJU6052 Datasheet HTML 7Page - New Japan Radio NJU6052 Datasheet HTML 8Page - New Japan Radio NJU6052 Datasheet HTML 9Page - New Japan Radio NJU6052 Datasheet HTML 10Page - New Japan Radio NJU6052 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
-7 -
NJU6052
Ver.2004-02-26
(5) SERIAL INTERFACE
(5-1) SERIAL DATA WRITE
The serial data is latched into the shift register on the rising edge of the serial clock (SCK), and determined
on the rising edge of the data request (REQ). The serial data format should be the MSB first.
For COMMAND data transmission, the command data 1 (CMD1) and the command data 2 (CMD2) should
be continuous. The CMD1 is first, then the CMD2. If only 1-byte data is transferred, this data is recognized as the
CMD1. Do not transmit 3 bytes or more, because 3
rd data is used only for maker test and the 4th and later are
ignored. If it's absolute necessary to send the 3 bytes or more in the user's application, the only data
(0,0,0,0,0,0,0,0) as the 3
rd data can be accepted.
For DUTY data transmission, 8 bytes for PWM REGISTER 0-7 should be continuous. The order is : PWM
REGISTER 0, 1, 2, 3, 4, 5, 6 and 7. If 7bytes or less are transferred, all bytes are accepted. And if 9 bytes or more,
the 9
th and later are ignored.
Note that the data should be in 8*n bits (n=integer number), otherwise it may cause malfunctions. And the
SCK should be “0” when the REQ is changed.
SERIAL DATA FORMAT
TABLE 3-1
Command Data 1
B7
B6
B5
B4
B3
B2
B1
B0
0
SOFF
BRIGHT
STBY
HOLD
REV
TABLE 3-2
Command Data 2
B7
B6
B5
B4
B3
B2
B1
B0
0
0
0
0
0
0
DIVIDE
TABLE 3-3
Duty Data
B7
B6
B5
B4
B3
B2
B1
B0
1
*
PWM REGISTER
FIGURE 1
COMMAND DATA TRANSMISSION
FIGURE 2
DUTY DATA TRANSMISSION
B7
6
5
4
3
2
1
0
B7
6
5
4
3
2
1
0
REQ
SCK
DATA
CMD1
CMD2
B7
6
5
4
3
2
1
0
B7
6
0
B7
6
0
B7
6
REQ
SCK
DATA
PWM REGISTER
0
1
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com