Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4SMB-RGY Datasheet(PDF) 1 Page - Cree, Inc

Part # C4SMB-RGY
Description  Cree짰 Screen Master짰 4-mm Oval LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMB-RGY Datasheet(HTML) 1 Page - Cree, Inc

  C4SMB-RGY Datasheet HTML 1Page - Cree, Inc C4SMB-RGY Datasheet HTML 2Page - Cree, Inc C4SMB-RGY Datasheet HTML 3Page - Cree, Inc C4SMB-RGY Datasheet HTML 4Page - Cree, Inc C4SMB-RGY Datasheet HTML 5Page - Cree, Inc C4SMB-RGY Datasheet HTML 6Page - Cree, Inc C4SMB-RGY Datasheet HTML 7Page - Cree, Inc C4SMB-RGY Datasheet HTML 8Page - Cree, Inc C4SMB-RGY Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT FAMILY DATA SHEET
Cree® Screen Master® 4-mm Oval LED
C4SMB-RGY/GGY/BGY
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
These oval LEDs are specifically de-
signed for full-color video screens, dig-
ital billboards and passenger-informa-
tion signs. The oval-shaped radiation
pattern and high luminous intensity
ensure that these devices are excel-
lent for bright sunlight or low power
consumption outdoor applications.
These lamps are made with an ad-
vanced optical-grade epoxy that offers
superior high-temperature and high-
moisture-resistance performance in
outdoor signal and sign applications.
The encapsulation resin contains anti-
UV material in order to reduce the ef-
fects of long-term exposure to direct
sunlight.
FEATURES
Size (mm): 4
Color and Typical Dominant
Wavelength:
Red (621nm)
Green(524nm)
Blue(470nm)
Luminous Intensity (mcd)
C4SMB-RGY: (1976-4600)@20mA
C4SMB-GGY: (5020-12000)@20mA
C4SMB-BGY: (934-2130)@20mA
Lead - Free
RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
Electronic Signs & Signals
(ESS)
Full Color Video Screen
Digital Billboards
Motorway Signs
Variable Message Sign (VMS)
Advertising Signs
Petrol Signs


Similar Part No. - C4SMB-RGY

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMB-RGF-CU4X1BB1 CREE-C4SMB-RGF-CU4X1BB1 Datasheet
685Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMB-RGF-CU4X1BB2 CREE-C4SMB-RGF-CU4X1BB2 Datasheet
685Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMB-RGF-CV14QBB1 CREE-C4SMB-RGF-CV14QBB1 Datasheet
685Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMB-RGF-CV14QBB2 CREE-C4SMB-RGF-CV14QBB2 Datasheet
685Kb / 9P
Cree Screen Master 4-mm Oval LED
More results

Similar Description - C4SMB-RGY

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C4SMK-RJS MARKTECH-C4SMK-RJS Datasheet
605Kb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
C5SMF-AJS MARKTECH-C5SMF-AJS Datasheet
521Kb / 8P
Cree짰 Screen Master짰 5-mm Oval LED
C5SMF-RJS MARKTECH-C5SMF-RJS Datasheet
521Kb / 10P
Cree짰 Screen Master짰 5-mm Oval LED
logo
Cree, Inc
C4SMA-RGY CREE-C4SMA-RGY Datasheet
897Kb / 10P
Cree짰 Screen Master짰 4-mm Oval LED
C4SMB-AGY CREE-C4SMB-AGY Datasheet
699Kb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
C4SMM-RJY CREE-C4SMM-RJY Datasheet
850Kb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
C4SMR-RJY CREE-C4SMR-RJY Datasheet
959Kb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
S4SMS-RJY CREE-S4SMS-RJY Datasheet
1Mb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
C4SMG-RJS CREE-C4SMG-RJS Datasheet
622Kb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
C5SMT-BJS CREE-C5SMT-BJS Datasheet
798Kb / 8P
Cree짰 Screen Master짰 5-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com