Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4SMB-RGY Datasheet(PDF) 3 Page - Cree, Inc

Part # C4SMB-RGY
Description  Cree짰 Screen Master짰 4-mm Oval LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMB-RGY Datasheet(HTML) 3 Page - Cree, Inc

  C4SMB-RGY Datasheet HTML 1Page - Cree, Inc C4SMB-RGY Datasheet HTML 2Page - Cree, Inc C4SMB-RGY Datasheet HTML 3Page - Cree, Inc C4SMB-RGY Datasheet HTML 4Page - Cree, Inc C4SMB-RGY Datasheet HTML 5Page - Cree, Inc C4SMB-RGY Datasheet HTML 6Page - Cree, Inc C4SMB-RGY Datasheet HTML 7Page - Cree, Inc C4SMB-RGY Datasheet HTML 8Page - Cree, Inc C4SMB-RGY Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree 4-mm Oval LED
C4SMB-RGY/GGY/BGY
• Tolerance of measurement of luminous intensity is ±15%
COLOR BIN LIMIT (I
F = 20 mA)
• Tolerance of measurement of dominant wavelength is ±1 nm
Red: C4SMB-RGY
Bin Code
Min.(mcd)
Max.(mcd)
U4
1976
2130
V1
2130
2347
V2
2347
2564
V3
2564
2781
V4
2781
3000
W1
3000
3295
W2
3295
3590
W3
3590
3885
W4
3885
4180
X1
4180
4600
Blue: C4SMB-BGY
Bin Code
Min.(mcd)
Max.(mcd)
S3
934
1017
S4
1017
1100
T1
1100
1205
T2
1205
1310
T3
1310
1415
T4
1415
1520
U1
1520
1672
U2
1672
1824
U3
1824
1976
U4
1976
2130
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B23
462.5
467.5
B4
465
470
B45
467.5
472.5
B5
470
475
INTENSITY BIN LIMIT (I
F = 20 mA)
Green: C4SMB-GGY
Bin Code
Min.(mcd)
Max.(mcd)
X3
5020
5440
X4
5440
5860
Y1
5860
6445
Y2
6445
7030
Y3
7030
7615
Y4
7615
8200
Z1
8200
9150
Z2
9150
10100
Z3
10100
11050
Z4
11050
12000
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G23
522.5
527.5
G8
525
530
G45
527.5
532.5
G9
530
535
G67
532.5
537.5
Ga
535
540



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com