Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3783AM Datasheet(PDF) 2 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP3783AM
Description  Low power primary feedback control chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP3783AM Datasheet(HTML) 2 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

  LP3783AM Datasheet HTML 1Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3783AM Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3783AM Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3783AM Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3783AM Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3783AM Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3783AM Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP3783AM
低功耗原边反馈控制芯片
LP3783AM_CN_DS_Rev.0.98
www.chip-hope.com
WUXI Chip Hope Micro-electronicsLTD Confidential– Customer Use Only
定购信息
定购型号
封装
温度范围
包装形式
打印
LP3783AM
SOP7
-40 ℃到 105 ℃
盘装
4000 颗/盘
LP3783
AMxxxx
管脚封装
xxxx:芯片批号
FB
NC
VCC
CS
C
C
GND
图 2 管脚封装图
管脚描述
管脚号
管脚名称
描述
1
FB
反馈电压输入端,恒压输出设置脚位
2
NC
悬空脚位
3
VCC
芯片电源,就近接旁路电容
4
CS
内置功率三极管的发射电极E和电流采样脚位
5,6
C
内置功率三极管的集电极C
7
GND
芯片地



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com