Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8773 Datasheet(PDF) 6 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP8773
Description  Second generation pre-conversIon PWM controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP8773 Datasheet(HTML) 6 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Back Button LP8773 Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP8773 Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP8773 Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP8773 Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP8773 Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP8773 Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP8773 Datasheet HTML 8Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP8773 Datasheet HTML 9Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP8773 Datasheet HTML 10Page - Shenzhen Xinmao Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LP8773
第二代准谐振 PWM 控制器
LP8773_CN_DS_Rev.1.1
www.chip-hope.com
SHENZHEN Chip Hope Micro-electronicsLTD Confidential– Customer Use Only
F_BM
突发模式基准频率
22
KHz
Duty_max
最大占空比
注 4
65
%
Fmax_QR_H
QR 模式,高锁定频率
72
80
88
KHz
Fmin_QR_L
QR 模式,低锁定频率
47
52
57
KHz
∆F(jitter)/Fsw
抖频范围
注 4
-4
4
%
Ton_max
最大导通时间
11.5
12.7
14
us
Toff_max
最大关断时间
52
57
64
us
Toff_min
最小关断时间
注 4
2.5
uSec
Gate 驱动
VOL
低压
Io = 20 mA (sink)
1
V
VOH
高压
Io
=
20
mA
(source)
7.5
V
VG_Clamp
钳位电压
VDD=24V
16
V
T_r
上升时间
GATE= 1nF
150
nSec
T_f
下降时间
GATE= 1nF
60
nSec
注 3:过载迟滞时间与开关周期时间成正比。
注 4:设计保证。



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com