Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLMUD-FKA Datasheet(PDF) 11 Page - Cree, Inc

Part # CLMUD-FKA
Description  Cree짰 PLCC4 3 in 1 RGB SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLMUD-FKA Datasheet(HTML) 11 Page - Cree, Inc

Back Button CLMUD-FKA Datasheet HTML 3Page - Cree, Inc CLMUD-FKA Datasheet HTML 4Page - Cree, Inc CLMUD-FKA Datasheet HTML 5Page - Cree, Inc CLMUD-FKA Datasheet HTML 6Page - Cree, Inc CLMUD-FKA Datasheet HTML 7Page - Cree, Inc CLMUD-FKA Datasheet HTML 8Page - Cree, Inc CLMUD-FKA Datasheet HTML 9Page - Cree, Inc CLMUD-FKA Datasheet HTML 10Page - Cree, Inc CLMUD-FKA Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
11
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
11
Cree PLCC4 3 in 1 SMD RGB LED
CLMUD-FKA
• The CLMUD-FKA is rated as a MSL 5a product.
• The boxes are not water resistant and they must be kept away from water and moisture.
• The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
• Cardboard boxes will be used to protect the LEDs from mechanical shocks during transportation.
• The reel pack is applied in SMD LED.
• Max 12800 pcs per reel.
PACKAGING
  
   

C oba lt Free
C oba lt Free
C oba lt Free
C oba lt Free
AAAA v o i d
v o i d
v o i d
v o i d
e t a l
e t a l
e t a l
e t a l
CCCC
   

 



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com