Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLMUD-FKA Datasheet(PDF) 1 Page - Cree, Inc

Part # CLMUD-FKA
Description  Cree짰 PLCC4 3 in 1 RGB SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLMUD-FKA Datasheet(HTML) 1 Page - Cree, Inc

  CLMUD-FKA Datasheet HTML 1Page - Cree, Inc CLMUD-FKA Datasheet HTML 2Page - Cree, Inc CLMUD-FKA Datasheet HTML 3Page - Cree, Inc CLMUD-FKA Datasheet HTML 4Page - Cree, Inc CLMUD-FKA Datasheet HTML 5Page - Cree, Inc CLMUD-FKA Datasheet HTML 6Page - Cree, Inc CLMUD-FKA Datasheet HTML 7Page - Cree, Inc CLMUD-FKA Datasheet HTML 8Page - Cree, Inc CLMUD-FKA Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT FAMILY DATA SHEET
Cree® PLCC4 3 in 1 RGB SMD LED
CLMUD-FKA
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
The CLMUD-FKA full-color RGB LED
offers a high-intensity light output and
a wide viewing angle. The compact
1.5mm x 1.5mm package allows for
a very high resolution screen and is
designed to work in a wide array of
environmental conditions. Cree PLCC
full-color RGB LEDs are suited for
indoor video screen, decorative lighting
and amusement applications.
FEATURES
• Size (mm):1.5x 1.5
• Dominant Wavelength:
Red (619 - 624nm)
Green (520 - 535nm)
Blue (465 - 475nm)
• Luminous Intensity (mcd)
Red (36 - 81)@ 5mA
Green (126 - 252)@ 5mA
Blue (22 - 45)@ 5mA
• Moisture Sensitivity Level: 5a
• Lead-Free
• RoHS Compliant
• Matte Surface
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Full-Color Video Screen
• Decorative lighting
• Amusement


Similar Part No. - CLMUD-FKA

ManufacturerPart #DatasheetDescription
logo
Cree LED
CLMUD-FKA CREELED-CLMUD-FKA Datasheet
750Kb / 10P
CLMUD-FKA: PLCC4 3 in 1 SMD LED
REV 4
More results

Similar Description - CLMUD-FKA

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM4B-BKW MARKTECH-CLM4B-BKW Datasheet
446Kb / 8P
Cree짰 PLCC4 1-in-1 SMD LED
CLV1A-FKB MARKTECH-CLV1A-FKB Datasheet
527Kb / 9P
Cree짰 PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLMUC-FKA CREE-CLMUC-FKA Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMVB-FKA CREE-CLMVB-FKA Datasheet
934Kb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMVC-FKA CREE-CLMVC-FKA Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
CLM2D-GCC CREE-CLM2D-GCC Datasheet
1Mb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-BKC CREE-CLM4B-BKC Datasheet
968Kb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLMVC-FKC CREE-CLMVC-FKC Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 SMD LED
CLPPA-FKB CREE-CLPPA-FKB Datasheet
789Kb / 9P
Cree짰 PLCC4 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com