Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLPPA-FKB Datasheet (PDF) - Cree, Inc

CLPPA-FKB Datasheet PDF - Cree, Inc
Part # CLPPA-FKB
Download  CLPPA-FKB Download
File Size   789.14 Kbytes
Page   9 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Cree짰 PLCC4 3 in 1 SMD LED

CLPPA-FKB Datasheet (PDF)

Go To PDF Page Download Datasheet
CLPPA-FKB Datasheet PDF - Cree, Inc

Part # CLPPA-FKB
Download  CLPPA-FKB Click to download

File Size   789.14 Kbytes
Page   9 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Cree짰 PLCC4 3 in 1 SMD LED

CLPPA-FKB Datasheet (HTML) - Cree, Inc




Similar Part No. - CLPPA-FKB

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CLP RALTRON-CLP Datasheet
57Kb / 3P
ULTRA HF CLOCK OSCILLATOR, LVDS, 3.3 VDC
logo
Samtec, Inc
CLP SAMTEC-CLP Datasheet
252Kb / 1P
(1.27 mm) .050" PITCH • CLP SERIES
2021
CLP-10202-FDA SAMTEC-CLP-10202-FDA Datasheet
252Kb / 1P
(1.27 mm) .050" PITCH • CLP SERIES
2021
CLP-10202-FDBE SAMTEC-CLP-10202-FDBE Datasheet
252Kb / 1P
(1.27 mm) .050" PITCH • CLP SERIES
2021
CLP-10202-FDFR SAMTEC-CLP-10202-FDFR Datasheet
252Kb / 1P
(1.27 mm) .050" PITCH • CLP SERIES
2021
More results


Similar Description - CLPPA-FKB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM4B-BKW MARKTECH-CLM4B-BKW Datasheet
446Kb / 8P
Cree짰 PLCC4 1-in-1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
Cree짰 PLCC4 1 in 1 SMD LED
CLV1A-FKB MARKTECH-CLV1A-FKB Datasheet
527Kb / 9P
Cree짰 PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLM2D-CCC CREE-CLM2D-CCC Datasheet
1Mb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM2D-GCC CREE-CLM2D-GCC Datasheet
1Mb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-BKC CREE-CLM4B-BKC Datasheet
968Kb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLMUD-FKA CREE-CLMUD-FKA Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMVC-FKC CREE-CLMVC-FKC Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 SMD LED
CLM4T-RKW CREE-CLM4T-RKW Datasheet
677Kb / 8P
Cree짰 PLCC4 1 in 1 SMD LED
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com