Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLPPA-FKB Datasheet(PDF) 3 Page - Cree, Inc

Part # CLPPA-FKB
Description  Cree짰 PLCC4 3 in 1 SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLPPA-FKB Datasheet(HTML) 3 Page - Cree, Inc

  CLPPA-FKB Datasheet HTML 1Page - Cree, Inc CLPPA-FKB Datasheet HTML 2Page - Cree, Inc CLPPA-FKB Datasheet HTML 3Page - Cree, Inc CLPPA-FKB Datasheet HTML 4Page - Cree, Inc CLPPA-FKB Datasheet HTML 5Page - Cree, Inc CLPPA-FKB Datasheet HTML 6Page - Cree, Inc CLPPA-FKB Datasheet HTML 7Page - Cree, Inc CLPPA-FKB Datasheet HTML 8Page - Cree, Inc CLPPA-FKB Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree PLCC4 3 in 1 SMD LED
CLPPA-FKB
INTENSITY BIN LIMIT (I
F = 20 mA)
COLOR BIN LIMIT (I
F = 20 mA)
Tolerance of measurement of luminous intensity is ±10%.
Tolerance of measurement of dominant wavelength is ±1 nm.
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G8
525
530
G9
530
535
Ga
535
540
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B4
465
470
B5
470
475
B6
475
480
Red
Bin Code
Min. (mcd)
Max. (mcd)
E
180
224
F
224
280
G
280
355
H
355
450
Green
Bin Code
Min. (mcd)
Max. (mcd)
G
280
355
H
355
450
J
450
560
K
560
710
Blue
Bin Code
Min. (mcd)
Max. (mcd)
A
71.0
90.0
B
90.0
112
C
112
140
D
140
180
Red
Bin Code
Min. (nm)
Max. (nm)
PE
612
622



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com