Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLPPA-FKB Datasheet(PDF) 1 Page - Cree, Inc

Part # CLPPA-FKB
Description  Cree짰 PLCC4 3 in 1 SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLPPA-FKB Datasheet(HTML) 1 Page - Cree, Inc

  CLPPA-FKB Datasheet HTML 1Page - Cree, Inc CLPPA-FKB Datasheet HTML 2Page - Cree, Inc CLPPA-FKB Datasheet HTML 3Page - Cree, Inc CLPPA-FKB Datasheet HTML 4Page - Cree, Inc CLPPA-FKB Datasheet HTML 5Page - Cree, Inc CLPPA-FKB Datasheet HTML 6Page - Cree, Inc CLPPA-FKB Datasheet HTML 7Page - Cree, Inc CLPPA-FKB Datasheet HTML 8Page - Cree, Inc CLPPA-FKB Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT FAMILY DATA SHEET
Cree® PLCC4 3 in 1 SMD LED
CLPPA-FKB
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
These SMD LEDs are packaged in an
industry-standard PLCC4 package.
These high-reliability and high-
brightness LEDs are designed to work
in a wide range of environmental
conditions. A wide viewing angle
and high brightness makes these
LEDs suitable for indoor signage
applications.
FEATURES
• Size (mm):3.2 x 2.8
• Dominant Wavelength:
Red (612 - 622nm)
Green (520 - 540nm)
Blue (460 - 480nm)
• Luminous Intensity (mcd)
Red (180 - 450)
Green (280 - 710)
Blue (71 - 180)
• Viewing angle: 120 degree
• Lead-Free
• RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Full-Color Video Screen
• Decorative lighting
• Amusement


Similar Part No. - CLPPA-FKB

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CLP RALTRON-CLP Datasheet
57Kb / 3P
ULTRA HF CLOCK OSCILLATOR, LVDS, 3.3 VDC
logo
Samtec, Inc
CLP SAMTEC-CLP Datasheet
252Kb / 1P
(1.27 mm) .050" PITCH • CLP SERIES
2021
CLP-10202-FDA SAMTEC-CLP-10202-FDA Datasheet
252Kb / 1P
(1.27 mm) .050" PITCH • CLP SERIES
2021
CLP-10202-FDBE SAMTEC-CLP-10202-FDBE Datasheet
252Kb / 1P
(1.27 mm) .050" PITCH • CLP SERIES
2021
CLP-10202-FDFR SAMTEC-CLP-10202-FDFR Datasheet
252Kb / 1P
(1.27 mm) .050" PITCH • CLP SERIES
2021
More results

Similar Description - CLPPA-FKB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM4B-BKW MARKTECH-CLM4B-BKW Datasheet
446Kb / 8P
Cree짰 PLCC4 1-in-1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
Cree짰 PLCC4 1 in 1 SMD LED
CLV1A-FKB MARKTECH-CLV1A-FKB Datasheet
527Kb / 9P
Cree짰 PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLM2D-CCC CREE-CLM2D-CCC Datasheet
1Mb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM2D-GCC CREE-CLM2D-GCC Datasheet
1Mb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-BKC CREE-CLM4B-BKC Datasheet
968Kb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLMUD-FKA CREE-CLMUD-FKA Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMVC-FKC CREE-CLMVC-FKC Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 SMD LED
CLM4T-RKW CREE-CLM4T-RKW Datasheet
677Kb / 8P
Cree짰 PLCC4 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com