Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLPPA-FKB Datasheet(PDF) 4 Page - Cree, Inc

Part # CLPPA-FKB
Description  Cree짰 PLCC4 3 in 1 SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLPPA-FKB Datasheet(HTML) 4 Page - Cree, Inc

  CLPPA-FKB Datasheet HTML 1Page - Cree, Inc CLPPA-FKB Datasheet HTML 2Page - Cree, Inc CLPPA-FKB Datasheet HTML 3Page - Cree, Inc CLPPA-FKB Datasheet HTML 4Page - Cree, Inc CLPPA-FKB Datasheet HTML 5Page - Cree, Inc CLPPA-FKB Datasheet HTML 6Page - Cree, Inc CLPPA-FKB Datasheet HTML 7Page - Cree, Inc CLPPA-FKB Datasheet HTML 8Page - Cree, Inc CLPPA-FKB Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree PLCC4 3 in 1 SMD LED
CLPPA-FKB
ORDER CODE TABLE*
Kit Number
Color
Luminous Intensity (mcd)
Dominant Wavelength (nm)
Package
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
CLPPA-FKB-CEHGKADEE7a363
Red
180
450
PE
612
PE
622
Reel
Green
280
710
G7
520
Ga
540
Reel
Blue
71
180
B3
460
B6
480
Reel
Notes:
•
The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin codes and single color-
bin codes will not be orderable. For example, any one intensity bin from E - H means only one intensity (E or F or
G or H) will be shipped by Cree. Any one color bin from G8 - Ga means only one color bin (G8 or G9 or Ga) will be
shipped by Cree.
•
Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
•
Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com