Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLMVC-FKC Datasheet(PDF) 1 Page - Cree, Inc

Part # CLMVC-FKC
Description  Cree짰 PLCC4 3 in 1 RGB SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLMVC-FKC Datasheet(HTML) 1 Page - Cree, Inc

  CLMVC-FKC Datasheet HTML 1Page - Cree, Inc CLMVC-FKC Datasheet HTML 2Page - Cree, Inc CLMVC-FKC Datasheet HTML 3Page - Cree, Inc CLMVC-FKC Datasheet HTML 4Page - Cree, Inc CLMVC-FKC Datasheet HTML 5Page - Cree, Inc CLMVC-FKC Datasheet HTML 6Page - Cree, Inc CLMVC-FKC Datasheet HTML 7Page - Cree, Inc CLMVC-FKC Datasheet HTML 8Page - Cree, Inc CLMVC-FKC Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT FAMILY DATA SHEET
Cree® PLCC4 3 in 1 RGB SMD LED
CLMVC-FKC
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
The CLMVC-FKC full-color RGB LED
offers a high-intensity light output and a
wide viewing angle. The compact 2mm
x 2mm package allows for a very high
resolution screen and is designed to
work in a wide array of environmental
conditions. Cree PLCC full-color RGB
LEDs are suited for indoor video screen,
decorative lighting and amusement
applications.
FEATURES
• Size (mm):2.0x 2.0
• Dominant Wavelength:
Red (619 - 624nm)
Green (520 - 540nm)
Blue (460 - 470nm)
• Luminous Intensity (mcd)
Red (280 - 560)@ 15mA
Green (450 - 900)@ 10mA
Blue (101 - 202)@ 10mA
• Lead-Free
• RoHS Compliant
• Matte Surface
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Full-Color Video Screen
• Decorative lighting
• Amusement


Similar Part No. - CLMVC-FKC

ManufacturerPart #DatasheetDescription
logo
Cree LED
CLMVC-FKC CREELED-CLMVC-FKC Datasheet
696Kb / 10P
CLMVC-FKC: PLCC4 3 in 1 SMD LED
REV 4
More results

Similar Description - CLMVC-FKC

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM4B-BKW MARKTECH-CLM4B-BKW Datasheet
446Kb / 8P
Cree짰 PLCC4 1-in-1 SMD LED
CLV1A-FKB MARKTECH-CLV1A-FKB Datasheet
527Kb / 9P
Cree짰 PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLMUC-FKA CREE-CLMUC-FKA Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMVB-FKA CREE-CLMVB-FKA Datasheet
934Kb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMVC-FKA CREE-CLMVC-FKA Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
CLM2D-GCC CREE-CLM2D-GCC Datasheet
1Mb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-BKC CREE-CLM4B-BKC Datasheet
968Kb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLMUD-FKA CREE-CLMUD-FKA Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 RGB SMD LED
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 SMD LED
CLPPA-FKB CREE-CLPPA-FKB Datasheet
789Kb / 9P
Cree짰 PLCC4 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com