Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLX6F-RKB-CSTBB3 Datasheet(PDF) 1 Page - Cree, Inc

Part # CLX6F-RKB-CSTBB3
Description  Cree짰 PLCC6 3 in 1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLX6F-RKB-CSTBB3 Datasheet(HTML) 1 Page - Cree, Inc

  CLX6F-RKB-CSTBB3 Datasheet HTML 1Page - Cree, Inc CLX6F-RKB-CSTBB3 Datasheet HTML 2Page - Cree, Inc CLX6F-RKB-CSTBB3 Datasheet HTML 3Page - Cree, Inc CLX6F-RKB-CSTBB3 Datasheet HTML 4Page - Cree, Inc CLX6F-RKB-CSTBB3 Datasheet HTML 5Page - Cree, Inc CLX6F-RKB-CSTBB3 Datasheet HTML 6Page - Cree, Inc CLX6F-RKB-CSTBB3 Datasheet HTML 7Page - Cree, Inc CLX6F-RKB-CSTBB3 Datasheet HTML 8Page - Cree, Inc CLX6F-RKB-CSTBB3 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT FAMILY DATA SHEET
Cree® PLCC6 3 in 1 SMD LED
CLX6F-RKB
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
FEATURES
• Size (mm):3.5 x 3.4 x 2.8
• Dominant Wavelength:
Red (619 - 624nm)
• Luminous Intensity (mcd)
Red (2240-3550)
• Water-Resistant (IPX8)*
• Moisture Sensitivity Level: 5a
• Lead-Free
• RoHS Compliant
• Matte Surface
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Architecture Lighting
• Channel Letter
• Backlight
PRODUCT DESCRIPTION
These SMD LEDs are packaged in an
industry standard PLCC6 package.
These high reliability and high
brightness LEDs are designed to work
in a wide range of environmental
condition and are ideally suited for
use in illumination applications.
Its wide viewing angle makes these
LEDs ideally suited for channel
letter, or general backlighting and
illumination applications. The flat top
emitting surface makes it easy for
these LEDs to mate with light pipes.
*
:This part is tested under the condition of assembling it on a PCB with isolating the electrical path by silicone.
The leads area of the LED is not IPx8 rated and it’s required to insulate for moisture by customer in outdoor
application.


Similar Part No. - CLX6F-RKB-CSTBB3

ManufacturerPart #DatasheetDescription
logo
Cree LED
CLX6F-RKB CREELED-CLX6F-RKB Datasheet
691Kb / 10P
CLX6F-RKB: PLCC6 3 IN 1 SMD LED
REV 5
More results

Similar Description - CLX6F-RKB-CSTBB3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
Cree짰 PLCC6 3-in-1 SMD LED
CLV6A-FKB MARKTECH-CLV6A-FKB Datasheet
583Kb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLX6E-FKC CREE-CLX6E-FKC Datasheet
2Mb / 12P
Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-AKB CREE-CLX6F-AKB Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-GKB CREE-CLX6F-GKB Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-PKW CREE-CLX6F-PKW Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
CLY6C-FKC CREE-CLY6C-FKC Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
CLYBB-FKA CREE-CLYBB-FKA Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
SLV6D-FKB CREE-SLV6D-FKB Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
CLP6S-FKW CREE-CLP6S-FKW Datasheet
527Kb / 9P
Cree짰 PLCC6 3-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com