Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLX6F-RKB-CSTBB3 Datasheet(PDF) 3 Page - Cree, Inc

Part # CLX6F-RKB-CSTBB3
Description  Cree짰 PLCC6 3 in 1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLX6F-RKB-CSTBB3 Datasheet(HTML) 3 Page - Cree, Inc

  CLX6F-RKB-CSTBB3 Datasheet HTML 1Page - Cree, Inc CLX6F-RKB-CSTBB3 Datasheet HTML 2Page - Cree, Inc CLX6F-RKB-CSTBB3 Datasheet HTML 3Page - Cree, Inc CLX6F-RKB-CSTBB3 Datasheet HTML 4Page - Cree, Inc CLX6F-RKB-CSTBB3 Datasheet HTML 5Page - Cree, Inc CLX6F-RKB-CSTBB3 Datasheet HTML 6Page - Cree, Inc CLX6F-RKB-CSTBB3 Datasheet HTML 7Page - Cree, Inc CLX6F-RKB-CSTBB3 Datasheet HTML 8Page - Cree, Inc CLX6F-RKB-CSTBB3 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree PLCC6 3 in 1 SMD LED
CLX6F-RKB
COLOR BIN LIMIT (I
F = 3 X 20 mA)
Tolerance of measurement of dominant wavelength is ±1 nm.
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Red
Bin Code
Min.(mcd) Max.(mcd)
S
2240
2800
1b1c
2520
3175
T
2800
3550
INTENSITY BIN LIMIT (I
F = 3 X 20 mA)
Tolerance of measurement of luminous intensity is ±10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com