Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8205AS Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC8205AS
Description  10V N-Channel Enhancement MOS FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC8205AS Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC8205AS Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC8205AS Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC8205AS Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC8205AS Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
深圳市富满电子集团股份有限公司
SHEN
ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
SC8205AS (文件编号:S&CIC1589)
10V N 沟道增强型 MOS 场效应管
www.superchip.cn
1 页 共 4 页
Version 1.0
10V N-Channel Enhancement-Mode MOSFET
RDS(ON), Vgs@2.5V, Ids@2.0A = 28mΩ
RDS(ON), Vgs@4.5V, Ids@3.0A = 25mΩ
特点
专有的先进平面技术
高密度超低电阻设计
栅极带有
ESD 保护
大功率、大电流应用
理想的锂电池应用
封装形式:
TSSOP-8
管脚图
8205AS/TSSOP-8
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
16-Apr-2013
Sheet of
File:
E:\E盘\规格书\规格图\规格图-0\ZBO\SC8205.ddb
Drawn By:
D1/D2
S1
S1
G1
G2
S2
S2
D1/D2
1
2
3
4
5
6
7
8
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
16-Apr-2013
Sheet of
File:
E:\E盘\规格书\规格图\规格图-0\ZBO\SC8205.ddb
Drawn By:
G at e1
Source1
Drain
Gate2
Source2
N-Channel MOSFET


Similar Part No. - SC8205AS

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC8205 FUMAN-SC8205 Datasheet
329Kb / 3P
20V N-Channel Enhancement MOS FET
More results

Similar Description - SC8205AS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN1872 PANASONIC-XN1872 Datasheet
32Kb / 2P
Silicon N-channel . Enhancement MOS FET
logo
List of Unclassifed Man...
2SK1384 ETC-2SK1384 Datasheet
171Kb / 4P
N-CHANNEL ENHANCEMENT TYPE MOS-FET
logo
Chenmko Enterprise Co. ...
2N7002DSPT CHENMKO-2N7002DSPT Datasheet
246Kb / 5P
Dual N-Channel Enhancement MOS FET
2N7002SSPT CHENMKO-2N7002SSPT Datasheet
423Kb / 5P
Dual N-Channel Enhancement MOS FET
2N7002VPT CHENMKO-2N7002VPT Datasheet
174Kb / 5P
Dual N-Channel Enhancement MOS FET
logo
SHENZHEN FUMAN ELECTRON...
2301 FUMAN-2301 Datasheet
171Kb / 3P
10V P-Channel Enhanced MOS FET
8205B FUMAN-8205B Datasheet
296Kb / 4P
20V N-Channel Enhancement MOS FET
8205D FUMAN-8205D Datasheet
245Kb / 3P
20V N-Channel Enhancement MOS FET
9205A FUMAN-9205A Datasheet
294Kb / 4P
10V N-Channel Enhancement MOS FET
9205S FUMAN-9205S Datasheet
304Kb / 4P
10V N-Channel Enhancement MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com