Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8205AS Datasheet(PDF) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC8205AS
Description  10V N-Channel Enhancement MOS FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC8205AS Datasheet(HTML) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC8205AS Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC8205AS Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC8205AS Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC8205AS Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
深圳市富满电子集团股份有限公司
SHEN
ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
SC8205AS (文件编号:S&CIC1589)
10V N 沟道增强型 MOS 场效应管
www.superchip.cn
第
3 页 共 4 页
Version 1.0
延迟时间(
On)
td(on)
VDS =5V,VGS = 4.5V,
RL=1Ω,RGEN=6Ω
1.4
ns
上升时间(
On)
tr
1.1
延迟时间(
Off)
td(off)
9
下降时间(
Off)
tf
4.4
输入电容
Ciss
VDS = 5V, VGS = 0V
f=1.0MHz
--
346
--
pF
输出电容
Coss
--
219
--
反向传输电容
Crss
--
109
--
漏源二极管
二极管最大正向电流
IS
--
--
--
1.7
A
二极管正向电压
VSD
IS = 1.7A, VGS = 0V
--
--
1.2
V
注:脉冲测试:脉冲宽度
<=300us,占空比<=2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com