Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPWR-AN10 Datasheet(PDF) 2 Page - Cree, Inc

Part # CPWR-AN10
Description  SiC MOSFET Isolated Gate Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CPWR-AN10 Datasheet(HTML) 2 Page - Cree, Inc

  CPWR-AN10 Datasheet HTML 1Page - Cree, Inc CPWR-AN10 Datasheet HTML 2Page - Cree, Inc CPWR-AN10 Datasheet HTML 3Page - Cree, Inc CPWR-AN10 Datasheet HTML 4Page - Cree, Inc CPWR-AN10 Datasheet HTML 5Page - Cree, Inc CPWR-AN10 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
CPWR-AN10, REV -C
SiC MOSFET Isolated Gate Driver
This document is provided for informational purposes only and is not a warranty or a specification.
For product specifications, please see the data sheets available at www.cree.com/power. For warranty
information, please contact Cree Sales at PowerSales@cree.com.
Figure 3: Isolated Gate Driver Schematic
Theseconvertersareinexpensivewithanisolationvoltageratingof5.2kVandalsohaveverylow
isolationcapacitance.Inthisparticularconfiguration,X2isa12Vin5VoutconverterandX3is
a12Vin,+/-12Voutconverter.Asshownintheschematic,theoutputsoftheconvertersare
series connected and the common connection is referenced to the source terminal. Therefore, VCC
determines the gate pulse positive voltage and –VEE determines the negative gate pulse voltage. The
–VEE node is used as the ground reference for opto-isolator and the gate driver. The opto-isolator’s
maximumoperatingvoltageis20VwhichcanbegreaterthanthevoltageappearingatVCC.An
emitter follower clam consisting of Q1 and D1 has been added to limit the voltage to the opto-isolator
to17.3Vnominal.Abaseresistor(R16)wasincludedifadditionaldampeningisdesiredforthe
emitterfollower.Inpractice,azeroohmresistorworksfine.ResistorsR2,R4,R5,R9-R15anddiode
D2canbepopulatedtoprovideoptimumturn-onandturn-offperformance.Inthiscase,onlyR2,R4
andR5arepopulatedwith20ohm1/3wattresistors.Tominimizestrayinductance,capacitorsC8-
C10 are located very close to the source output pin and the gate driver to provide very tight coupling
between the source output terminal and the –VEE node.
THESE COMPONENTS ARE LOCATED ON THE -VEE PLANE
0.100" ISOLATION
BOUNDRY SLIT
BOARD IF REQ.
VCC HIGH
INPUT HIGH
VCC HIGH RTN
INPUT LOW
VCC LOW
VCC LOW RTN
U2
IXDN609SI
VCC
1
IN
2
NC
3
GND
4
VCC
8
OUT
7
OUT
6
GND
5
R4 20 1210
J2
HEADER 6
1
2
3
4
5
6
R5 20 1210
C2
1U
0603
C7
4.7U
1206
U1
ACPL-4800-300E
NC
1
ANODE
2
CATH
3
NC
4
VCC
8
NC
7
VO
6
GND
5
C10
10U 1210
R6 620
0805
C3
1U
0603
C6
100N
0805
R3 620
0805
R7
47K
0603
C4
TBD
0805
R14
20
R10 20 1210
C8
10N 1210
R8
47K
0603
X2
RP-1205S
+VIN
1
-VIN
2
-VOUT
5
+VOUT
7
Q1
DXT2222A
R12
20
D2
DIODE
R1
10K
0805
JP1
HEADER 3
7
8
9
C5
100N
0805
X3
RP-1212D
+VIN
1
-VIN
2
-VOUT
5
COM
6
+VOUT
7
R2 20 1210
R15
20
JP2
HEADER 3
10
11
12
C9
100N
R9 20 1210
C1
1U
0603
R11 20 1210
D1
MMSZ5248B-7-F
R13
20
VCC LOW
INPUT LOW
INPUT HIGH
VCC LOW RTN
VCC HIGH
SOURCE
GATE
+VCC
VCC HIGH RTN
-VEE
-VEE
-VEE
-VEE
-VEE
-VEE
SOURCE
-VEE
+VCC
SOURCE
-VEE
+VCC
-VEE
-VEE
R16 0
0805
Operationofthegatedriverisasfollows.A+10to+12Vpulseisappliedtotheoptocausesthe
gateterminaltogohigh.Theintentofthiscircuitistoaffordthemaximumflexibility.Therefore,
unregulated DC-DC converters were used so that the output gate pulse positive and negative voltage
levels can be adjusted at ground level. The gate voltage positive level is adjusted by varying the
voltage between the VCC HIGH and VCC HIGH RTN and the negative pulse level is adjusted by varying
the voltage between the VCC LOW and VCC LOW RTN pins. The procedure is to observe the output
of the gate driver board with an oscilloscope and adjust VCC HIGH and VCC LOW input voltages until
thegatepulseissettothedesiredvalues.Caremustbetakenduringadjustmenttoinsurethatthe
voltagebetweentheVCCand–VEEnodesdoesnotexceedthemaximumratingsofU2,whichis35V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com