Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPWR-AN10 Datasheet(PDF) 1 Page - Cree, Inc

Part # CPWR-AN10
Description  SiC MOSFET Isolated Gate Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CPWR-AN10 Datasheet(HTML) 1 Page - Cree, Inc

  CPWR-AN10 Datasheet HTML 1Page - Cree, Inc CPWR-AN10 Datasheet HTML 2Page - Cree, Inc CPWR-AN10 Datasheet HTML 3Page - Cree, Inc CPWR-AN10 Datasheet HTML 4Page - Cree, Inc CPWR-AN10 Datasheet HTML 5Page - Cree, Inc CPWR-AN10 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Subject to change without notice.
www.cree.com
SiC MOSFET Isolated Gate Driver
SiC MOSFET Isolated Gate Driver
This article describes an implementation of an isolated gate driver suitable for testing and
evaluating SiC MOSFETs in a variety of applications. This design replaces previous versions of
this application note and include new enhancements. The enhancements are as follows:
•
Thecircuitboardhasbeenextendedsothatnow2wattaswellas1watt
DC-DC converters can be used. This enables driving larger MOSFETs or driving
of smaller MOSFETs at higher frequency.
•
Thecreep/strikeclearancehasbeensignificantlyincreased.
•
Aseparateregulatorhasbeenaddedfortheopto-isolator.Thisallowssimpler
bypassing of the DC-DC converters when non-isolated operation is desired.
•
Theoutputresistornetworkhasbeenmodifiedwithanadditionaldiodeto
allow separate optimization of turn-on and turn-off transitions.
The top and bottom view of the enhanced gate driver is shown in Figures 1 and 2.The
enhanced creep distance is accomplished with the groove in the printed circuit card. Some
ofthecomponentsarenotpopulatedbecauseoftheaddedflexibilityinsettinguptheoutput
network.
The new schematic for the enhanced gate driver is shown in Figure 3. The circuit consists of
twoisolatedDC-DCconverters(X2andX3),anopto-isolator(U1)andthegatedriverinte-
gratedcircuit(U2).Thisintegratedcircuit,theClare/IXYSIXDN609SIcanprovide35Voutput
swingandupto9Aofcurrentwithatypicaloutputresistanceof0.8Ω.Theopto-isolator,
theAvagoACPL-4800-300E,hashighcommonmodetransientimmunity(30kV/µsec)andcan
operatefrom4.5to20V.Aprovisionforaninputfilteringcapacitor(C4)hasbeenincluded
if needed. Power is provided by isolated DC-DC converters; one for the positive bias and the
otherfornegativebias.X2andX3arebothfromtheRecomRPseriesof1wattunregulated
isolatedDC-DCconvertersortheRecom[1]RxxP2xxseriesof2wattDC-DCconverters.Ei-
ther type can be accommodated depending on the application.
Figure 1: Isolated Gate Driver Top View
Figure 2: Isolated Gate Driver Bottom View


Similar Part No. - CPWR-AN10

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CPWR-AN08 CREE-CPWR-AN08 Datasheet
3Mb / 6P
Application Considerations for Silicon Carbide MOSFETs
CPWR-AN45 CREE-CPWR-AN45 Datasheet
5Mb / 28P
Dynamic Preformance Application
More results

Similar Description - CPWR-AN10

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA03IDDJT30-FR4 GENESIC-GA03IDDJT30-FR4 Datasheet
789Kb / 9P
Isolated Gate Driver
logo
International Rectifier
PVI5013RPBF IRF-PVI5013RPBF_15 Datasheet
278Kb / 5P
Opto Isolated MOSFET Gate Driver
PVI5033RPBF IRF-PVI5033RPBF_15 Datasheet
268Kb / 5P
Opto Isolated MOSFET Gate Driver
logo
Cree, Inc
CGD15FB45P CREE-CGD15FB45P Datasheet
1Mb / 6P
Six Channel SiC MOSFET Driver Gate Driver for 1200V SiC MOSFET Power Module
logo
STMicroelectronics
STGAP2SICS STMICROELECTRONICS-STGAP2SICS Datasheet
716Kb / 22P
Galvanically isolated 4 A single gate driver for SiC MOSFETs
29-Sep-2022
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252 Datasheet
839Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
November, 2022 - Rev. 4
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252_V01 Datasheet
843Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
June, 2023 - Rev. 5
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
logo
ON Semiconductor
NCX57080Y ONSEMI-NCX57080Y Datasheet
1Mb / 24P
Isolated High Current IGBT/MOSFET Gate Driver
June, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com