Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA384802FC-V1-R2 Datasheet(PDF) 1 Page - Cree, Inc

Part # GTRA384802FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 ??3800 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTRA384802FC-V1-R2 Datasheet(HTML) 1 Page - Cree, Inc

  GTRA384802FC-V1-R2 Datasheet HTML 1Page - Cree, Inc GTRA384802FC-V1-R2 Datasheet HTML 2Page - Cree, Inc GTRA384802FC-V1-R2 Datasheet HTML 3Page - Cree, Inc GTRA384802FC-V1-R2 Datasheet HTML 4Page - Cree, Inc GTRA384802FC-V1-R2 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advance Specification Data
Sheets describe products that are
being considered by Wolfspeed for
development and market intro-
duction. The target performance
shown in Advance Specifications
is not final and should not be used
for any design activity. Please
contact Wolfspeed about the fu-
ture availability of these products.
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 01, 2019-01-23
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
GTRA384802FC
Package H-37248C-4
Thermally-Enhanced High Power RF GaN on SiC HEMT
400 W, 48 V, 3600 – 3800 MHz
Features
• GaN on SiC HEMT technology
• Input and output matched
• Asymmetrical Doherty design
- Main: P3dB = 230 W Typ
- Peak: P3dB = 360 W Typ
• Typical Pulsed CW performance, 3800 MHz, 48 V, combined outputs,
Doherty @ P3dB, 10 µs, 10% duty cycle
- Output power = 400 W
- Drain efficiency = 62%
- Gain = 12 dB
• Pb-free and RoHS compliant
Description
The GTRA384802FC is a 400-watt (P3dB) GaN on SiC high electron mobil-
ity transistor (HEMT) for use in multi-standard cellular power amplifier
applications. It features input matching, high efficiency, and a thermally-
enhanced package with earless flange.
Target RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty test fixture)
VDD = 48 V, IDQ = 250 mA, POUT = 63 W avg, VGSPEAK = –6 V, ƒ = 3800 MHz, channel bandwidth = 3.84 MHz, peak/average = 10 dB @ 0.01%
CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
—
13.7
—
dB
Drain Efficiency
hD
—
44
—
%
Adjacent Channel Power Ratio
ACPR
—
–31
—
dBc
Output PAR @ 0.01% CCDF
OPAR
—
7.5
—
dB
Advance GTRA384802FC


Similar Part No. - GTRA384802FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
GTRA384802FC-V1-R2 WOLFSPEED-GTRA384802FC-V1-R2 Datasheet
585Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 – 3800 MHz
Rev. 03.1, 2022-1-27
More results

Similar Description - GTRA384802FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA362002FC CREE-GTRA362002FC Datasheet
233Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 ??3600 MHz
GTRA362802FC CREE-GTRA362802FC Datasheet
282Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 ??3600 MHz
GTRA364002FC CREE-GTRA364002FC Datasheet
279Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 ??3600 MHz
GTRA374902FC CREE-GTRA374902FC Datasheet
2Mb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 ??3700 MHz
logo
WOLFSPEED, INC.
GTRA360502M-V1 WOLFSPEED-GTRA360502M-V1 Datasheet
844Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
Rev. 04, 2023-06-27
GTRA362002FC-V1 WOLFSPEED-GTRA362002FC-V1 Datasheet
435Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 – 3600 MHz
Rev. 06, 2023-06-23
GTRA362802FC-V1 WOLFSPEED-GTRA362802FC-V1 Datasheet
553Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 – 3600 MHz
Rev. 04.3, 2022-1-27
GTRA384802FC-V1 WOLFSPEED-GTRA384802FC-V1 Datasheet
585Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 – 3800 MHz
Rev. 03.1, 2022-1-27
GTRA364002FC WOLFSPEED-GTRA364002FC Datasheet
511Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 – 3600 MHz
Rev. 04.3, 2022-1-27
GTRA374902FC WOLFSPEED-GTRA374902FC Datasheet
459Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 – 3700 MHz
Rev. 02.2, 2022-1-27
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com