Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA384802FC-V1-R2 Datasheet(PDF) 4 Page - Cree, Inc

Part # GTRA384802FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 ??3800 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTRA384802FC-V1-R2 Datasheet(HTML) 4 Page - Cree, Inc

  GTRA384802FC-V1-R2 Datasheet HTML 1Page - Cree, Inc GTRA384802FC-V1-R2 Datasheet HTML 2Page - Cree, Inc GTRA384802FC-V1-R2 Datasheet HTML 3Page - Cree, Inc GTRA384802FC-V1-R2 Datasheet HTML 4Page - Cree, Inc GTRA384802FC-V1-R2 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 01, 2019-01-23
4
Advance GTRA384802FC
Package Outline Specifications
Package H-37248C-4
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994
2. Primary dimensions are mm, alternate dimensions are inches
3. All tolerances ± 0.127 [0.005]
4. Pins: D1, D2 – drain, G1, G2 – gate, S – source (flange)
5. Lead thickness: 0.13 ± 0.05 [0.005 ± 0.002]
6. Gold plating thickness: 1.14 ± 0.38 micron [45 ± 15 microinch]
12.70
[.500]
19.81±0.20
[.780±0.008]
3.81
[.150]
9.78
[.385]
4.83±0.51
[.190±0.020]
3.78±0.25
[.149±0.010]
SPH 1.57
[.062]
1.02
[.040]
20.57
[.810]
(8.89
[.350])
(5.08
[.200])
(19.43
[.765])
D1
D2
G1
G2
S
C66065-A0004-C446-01-0027 : h-37248c-4_PO_11-02-2016
R0.51 +0.38
–0.13
R.020+.015
–.005
CL
L
C
CL
45° X 2.72
[.107]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com