Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAE213708NB-V1-R2 Datasheet(PDF) 2 Page - Cree, Inc

Part # PXAE213708NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 400 W, 29 V, 2110 ??2180 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXAE213708NB-V1-R2 Datasheet(HTML) 2 Page - Cree, Inc

  PXAE213708NB-V1-R2 Datasheet HTML 1Page - Cree, Inc PXAE213708NB-V1-R2 Datasheet HTML 2Page - Cree, Inc PXAE213708NB-V1-R2 Datasheet HTML 3Page - Cree, Inc PXAE213708NB-V1-R2 Datasheet HTML 4Page - Cree, Inc PXAE213708NB-V1-R2 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 01, 2018-09-26
2
Advance PXAE213708NB
Pinout Diagram(topview)
Lead connections for PXAE213708NB
D1
D2
G1
G2
V
V
Pg-hb2sof-8_06-20-2017
V1
V2
Main
Peak
Pin
Description
D1
DrainDevice1(Main)
D2
DrainDevice2(Peak)
G1
GateDevice1(Main)
G2
GateDevice2(Peak)
GND
Ground
V1, V2
Drain video decoupling, no DC bias
DC Characteristics (eachside)
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
65
—
—
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
—
—
1
µA
VDS = 63 V, VGS = 0 V
IDSS
—
—
10
µA
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
—
—
1
µA
On-StateResistance(main)
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
TBD
—
W
(peak)
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
TBD
—
W
OperatingGateVoltage(main)
VDS = 28 V, IDQ = 750 mA
VGS
—
2.9
—
V
(peak)
VDS = 28 V, IDQ = 0 mA
VGS
—
1.5
—
V
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–6 to +10
V
Operating Voltage
VDD
0 to +32
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance
RqJC
TBD
°C/W
Ordering Information
Type and Version
Order Code
Package Description
Shipping
PXAE213708NB V1 R2
TBD
PG-HB2SOF-8-1
Tape & Reel, 250 pcs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com