Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAE213708NB-V1-R2 Datasheet(PDF) 3 Page - Cree, Inc

Part # PXAE213708NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 400 W, 29 V, 2110 ??2180 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXAE213708NB-V1-R2 Datasheet(HTML) 3 Page - Cree, Inc

  PXAE213708NB-V1-R2 Datasheet HTML 1Page - Cree, Inc PXAE213708NB-V1-R2 Datasheet HTML 2Page - Cree, Inc PXAE213708NB-V1-R2 Datasheet HTML 3Page - Cree, Inc PXAE213708NB-V1-R2 Datasheet HTML 4Page - Cree, Inc PXAE213708NB-V1-R2 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 01, 2018-09-26
3
Advance PXAE213708NB
Package Outline Specifications
Package PG-HB2SOF-8-1 (top and side view)
Diagram Notes–unless otherwise specified:
1. Mold/Dam Bar/Metal protusion of 0.30mm max per side not included.
2. Fillets and radii: all radii are 0.3 mm max unless specified otherwise
3. Interpret dimensions and tolerances per ISO 8015
4. Dimensions are mm
5. Exposed metal surface are tin plated, may not be covered by mold compound
6. Does not include mold/dam bar/metal protusion.
7. All tolerances ± 0.1mm unless specified otherwise
9. All metal surfaces pre-plated, except area of cut
9. Lead thickness: 0.25 mm
10. Pins: D1, D2 – drain; G1, G2 – gate; V – V
DD; GND – ground
32.26
1
2 X 14.12
2.83
7.06
2 X 10.6
2 X 4.44
1.57
3.81
0.25
2 X 1.02
4 X 11.29
2 X 1.00
V
V
2 X 0.8
32.26
6
PG-HB2SOF-8-1_02-05-2018
G2
G1
D2
D1
Y
10. Pins: D1, D2 – drain; G1, G2 – gate; GND – ground; V – Drain video decoupling,
no DC bias



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com