Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAE263708NB-V1-R2 Datasheet(PDF) 1 Page - Cree, Inc

Part # PXAE263708NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 400 W (P3dB), 28 V, 2620 ??2690 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXAE263708NB-V1-R2 Datasheet(HTML) 1 Page - Cree, Inc

  PXAE263708NB-V1-R2 Datasheet HTML 1Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 2Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 3Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 4Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 5Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 6Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 7Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 8Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02, 2019-04-03
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
PXAE263708NB
Package PG-HB2SOF-8-1
PXAE263708NB
Thermally-Enhanced High Power RF LDMOS FET
400 W (P3dB), 28 V, 2620 – 2690 MHz
Features
• Broadband internal input and output matching
• Asymmetric Doherty design
- Main: P1dB = 140 W Typ
- Peak: P1dB = 260 W Typ
• Typical pulsed CW performance, 2655 MHz, 28 V,
Doherty configuration, 10 μs, 10% duty cycle, class AB
- Output power at P1dB = 200 W
- Output power at P3dB = 400 W
- Efficiency = 49% (POUT = 57 W avg)
- Gain = 15 dB (POUT = 57 W avg)
• Capable of handling 10:1 VSWR @ 32 V, 100 W (CW)
output power
• Integrated ESD protection
• Human Body Model Class 2 (per ANSI/ESDA/JEDEC
JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
Description
The PXAE263708NB is a 400-watt (P3dB) LDMOS FET intended for use
in multi-standard cellular power amplifier applications in the 2620 to
2690 MHz frequency band. Features include input and output matching,
high gain and a thermally-enhanced package with earless flange.
Manufactured with Wolfspeed's advanced LDMOS process, this device
provides excellent thermal performance and superior reliability.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty production test fixture)
VDD = 28 V, IDQ = 850 mA, POUT = 57 W avg, VGSPK = 1.5 V, ƒ = 2690 MHz, 3GPP signal, channel bandwidth = 3.84 MHz, peak/average = 10
dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
13
14
—
dB
Drain Efficiency
D
43.5
47
—
%
Adjacent Channel Power Ratio
ACPR
—
–27
–23
dBc
Output PAR at 0.01% probability on CCDF
OPAR
7
7.7
—
dB
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
V
DD = 28 V, IDQ= 850 mA, ƒ = 2690 MHz
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
Gain
PAR @ 0.01% CCDF
Efficiency
pxae263708nb-gr1a


Similar Part No. - PXAE263708NB-V1-R2

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
PXAE263708NB-V1-R2 WOLFSPEED-PXAE263708NB-V1-R2 Datasheet
612Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 400 W (P3dB), 28 V, 2620 – 2690 MHz
Rev. 04, 2023-06-23
More results

Similar Description - PXAE263708NB-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC260602FC INFINEON-PXAC260602FC_16 Datasheet
551Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB @ 28 V, 2620 ??2690 MHz
Rev. 02.4, 2016-06-22
PTFC262808SV INFINEON-PTFC262808SV Datasheet
180Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 02.1, 2013-08-02
PTFC262157FH INFINEON-PTFC262157FH Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2620 ??2690 MHz
Rev. 03.1, 2016-06-21
PTFC261402FC INFINEON-PTFC261402FC Datasheet
231Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 140 W, 28 V, 2620 ??2690 MHz
Rev. 05, 2016-06-21
PTFC262808FV INFINEON-PTFC262808FV Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 03, 2016-06-22
logo
Cree, Inc
PXAC260602FC CREE-PXAC260602FC Datasheet
633Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB 28 V, 2620 ??2690 MHz
PTAC260302FC CREE-PTAC260302FC Datasheet
636Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 30 W, 28 V, 2620 ??2690 MHz
PTFC261402FC CREE-PTFC261402FC Datasheet
322Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 140 W, 28 V, 2620 ??2690 MHz
PTFC262808FV CREE-PTFC262808FV Datasheet
806Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
logo
WOLFSPEED, INC.
PXAE263708NB WOLFSPEED-PXAE263708NB Datasheet
612Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 400 W (P3dB), 28 V, 2620 – 2690 MHz
Rev. 04, 2023-06-23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com