Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAE263708NB-V1-R2 Datasheet(PDF) 5 Page - Cree, Inc

Part # PXAE263708NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 400 W (P3dB), 28 V, 2620 ??2690 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXAE263708NB-V1-R2 Datasheet(HTML) 5 Page - Cree, Inc

  PXAE263708NB-V1-R2 Datasheet HTML 1Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 2Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 3Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 4Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 5Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 6Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 7Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 8Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PXAE263708NB
Rev. 02, 2019-04-03
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal: 10 μs, 10% duty cycle, 28 V, IDQ = 850 mA, class AB
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[
W]
ZL
[
W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
D
[%]
ZL
[
W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
D
[%]
2620
6.9 – j11
1.5 – j4.9
16.2
51.8
152
51.0
3.1 – j3.5
18.5
50.1
103
63.6
2655
9.2 – j12
1.5 – j5.1
16.6
52.0
158
54.0
2.7 – j3.8
18.6
50.6
115
64.2
2690
12.8 – j11
1.5 – j5.1
16.6
51.8
152
52.4
2.8 – j3.9
18.6
50.2
105
62.6
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[
W]
ZL
[
W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
D
[%]
ZL
[
W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
D
[%]
2620
6.9 – j11
1.6 – j5.0
14.5
52.60
182
54.9
3.0 – j3.5
16.4
51.00
126
63.7
2655
9.2 – j12.1
1.4 – j5.2
14.3
52.80
191
54.0
2.5 – j3.9
16.5
51.50
141
64.8
2690
12.8 – j11.3
1.5 – j5.4
14.5
52.70
186
53.8
2.6 – j3.8
16.6
51.00
126
63.4
Peak Side Load Pull Performance – Pulsed CW signal: 10 μs, 10% duty cycle, 28 V, VGSPK = 1.7 V, class C
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[
W]
ZL
[
W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
D
[%]
ZL
[
W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
D
[%]
2620
2.9 – j7.1
3.3 – j7.9
12.2
54.70
295
53.0
3.2 – j4.6
13.2
52.90
195
63.7
2655
3.5 – j7.6
3.4 – j8.3
12.6
54.80
302
54.0
2.8 – j4.9
13.8
52.60
182
64.8
2690
4.7 – j7.9
4.5 – j9.0
12.6
54.70
295
53.7
3.2 – j5.3
13.7
52.60
182
63.6
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[
W]
ZL
[
W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
D
[%]
ZL
[
W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
D
[%]
2620
2.9 – j7.1
3.5 – j7.9
10.3
55.40
347
54.6
3.2 – j5.0
11.3
53.80
240
62.9
2655
3.5 – j7.6
3.7 – j8.6
10.5
55.40
347
54.3
3.2 – j5.7
11.7
54.10
257
64.0
2690
4.7 – j7.9
4.6 – j9.2
10.5
55.40
347
54.1
3.8 – j6.2
11.6
54.20
263
62.6
Reference Circuit, 2620 – 2690 MHz
Reference Circuit Assembly
DUT
PXAE263708NB V1
Test Fixture Part No.
LTA/PXAE263708NB-V1
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper,
r = 3.66
Find Gerber files for this test fixture on the Wolfspeed Web site at
www.wolfspeed.com/RF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com